| Zakładka z wyszukiwarką danych komponentów |
|
TMS370 Arkusz danych(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS370 Arkusz danych(HTML) 21 Page - Texas Instruments |
|
21 / 60 page ![]() TMS370Cx2x 8-BIT MICROCONTROLLER SPNS018C – FEBRUARY 1993 – REVISED FEBRUARY 1997 21 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 programmable timer 1 (continued) D Selectable edge-detection circuitry that, depending on the mode of operation, senses active transitions on the input capture pins (T1IC/CR) D Interrupts that can be generated on the occurrence of: – A capture – A compare equal – A counter overflow – An external edge detection D Sixteen T1 module control registers located in the PF frame beginning at address P040 The T1 module control registers are listed in Table 14. |