| Zakładka z wyszukiwarką danych komponentów |
|
TNETE2004PAC Arkusz danych(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2004PAC Arkusz danych(HTML) 23 Page - Texas Instruments |
|
23 / 46 page ![]() TNETE2004 MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997 23 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TNETE2004 status register – QuadPHY_sts at 0x12 BYTE 1 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 BYTE 0 0 M I N T P H O K P O L O K RESERVED Figure 13. TNETE2004 Status Register – QuadPHY_sts at 0x12 Table 9. TNETE2004 Status Register (QuadPHY_sts at 0x12) Bit Functions BIT FUNCTION DIRECTION† NO. NAME FUNCTION DIRECTION† 15 MINT MII interrupt. MINT indicates an MII-interrupt condition. The MII-interrupt request is activated (held) until the register causing the interrupt is read. Writing a 0 to MINT has no effect. MINT is set to 1 when: D PHOK is set to 1. D LINK has changed since it was read last. D RFLT is set to 1. D JABBER is set to 1. D POLOK is set to 1. D PAGERX is set to 1. D ACOMPLETE is set to 1. RO 14 PHOK Power high OK. PHOK indicates that the PHY reference oscillator has started up correctly. PHY-sourced clocks (RXCLK and TXCLK) are not valid until PHOK is asserted. PHOK is common to all PHYs. RO 13 POLOK Polarity OK. When POLOK is high (default), the 10BASE-T PHY is receiving valid (noninverted) link pulses. If POLOK goes low, it indicates that a sequence of seven inverted link pulses has been detected. RO 12–0 RESERVED Reserved. Read as 0 RO † RO = read only |