| Zakładka z wyszukiwarką danych komponentów |
|
TPA0232 Arkusz danych(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPA0232 Arkusz danych(HTML) 21 Page - Texas Instruments |
|
21 / 30 page ![]() TPA0232 STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL SLOS286 – NOVEMBER 1999 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION bridged-tied load versus single-ended mode Figure 33 shows a Class-AB audio power amplifier (APA) in a BTL configuration. The TPA0232 BTL amplifier consists of two Class-AB amplifiers driving both ends of the load. There are several potential benefits to this differential drive configuration, but, initially consider power to the load. The differential drive to the speaker means that as one side is slewing up, the other side is slewing down, and vice versa. This in effect doubles the voltage swing on the load as compared to a ground referenced load. Plugging 2 × VO(PP) into the power equation, where voltage is squared, yields 4 × the output power from the same supply rail and load impedance (see equation 5). Power + V (rms) 2 R L (5) V (rms) + V O(PP) 22 RL 2x VO(PP) VO(PP) –VO(PP) VDD VDD Figure 33. Bridge-Tied Load Configuration |