| Zakładka z wyszukiwarką danych komponentów |
|
ASM707CPA Arkusz danych(PDF) 13 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM707CPA Arkusz danych(HTML) 13 Page - PulseCore Semiconductor |
|
13 / 15 page ![]() ASM705/706/707/708 April 2008 ASM813L rev 1.6 Low Power µP Supervisor Circuits 13 of 15 Notice: The information in this document is subject to change without notice. Ordering Codes Part Number Reset Threshold Temperature Pins-Package Package Marking LEAD FREE DEVICES ASM705 Active LOW Reset, Watchdog Output And Manual RESET ASM705CPAF 4.65 0°C to +70 °C 8-Plastic DIP ASM705CPAF ASM705CSAF 4.65 0°C to +70 °C 8-SO ASM705CSAF ASM705CUAF 4.65 0°C to +70 °C 8-MicroSO ASM705CUAF ASM705EPAF 4.65 -40°C to +85°C 8-Plastic DIP ASM705EPAF ASM705ESAF 4.65 -40°C to +85°C 8-SO ASM705ESAF ASM705EUAF 4.65 -40°C to +85°C 8-MicroSO ASM705EUAF ASM706 Active LOW Reset, Watchdog Output And Manual RESET ASM706CPAF 4.40 0°C to +70 °C 8-Plastic DIP ASM706CPAF ASM706CSAF 4.40 0°C to +70 °C 8-SO ASM706CSAF ASM706CUAF 4.40 0°C to +70 °C 8-MicroSO ASM706CUAF ASM706EPAF 4.40 -40°C to +85°C 8-Plastic DIP ASM706EPAF ASM706ESAF 4.40 -40°C to +85°C 8-SO ASM706ESAF ASM707 Active LOW & HIGH Reset with Manual RESET ASM707CPAF 4.65 0°C to +70 °C 8-Plastic DIP ASM707CPAF ASM707CSAF 4.65 0°C to +70 °C 8-SO ASM707CSAF ASM707CUAF 4.65 0°C to +70 °C 8-MicroSO ASM707CUAF ASM707EPAF 4.65 -40°C to +85°C 8-Plastic DIP ASM707EPAF ASM707ESAF 4.65 -40°C to +85°C 8-SO ASM707ESAF ASM708Active LOW & HIGH Reset with Manual RESET ASM708CPAF 4.40 0°C to +70 °C 8-Plastic DIP ASM708CPAF ASM708CSAF 4.40 0°C to +70 °C 8-SO ASM708CSAF ASM708CUAF 4.40 0°C to +70 °C 8-MicroSO ASM708CUAF ASM708EPAF 4.40 -40°C to +85°C 8-Plastic DIP ASM708EPAF ASM708ESAF 4.40 -40°C to +85°C 8-SO ASM708ESAF ASM813L Active HIGH Reset, Watchdog Output And Manual RESET ASM813LCPAF 4.65 0°C to +70 °C 8-Plastic DIP ASM813LCPAF ASM813LCSAF 4.65 0°C to +70 °C 8-SO ASM813LCSAF ASM813LCUAF 4.65 0°C to +70 °C 8-MicroSO ASM813LCUAF ASM813LEPAF 4.65 -40°C to +85°C 8-Plastic DIP ASM813LEPAF ASM813LESAF 4.65 -40°C to +85°C 8-SO ASM813LESAF Note: For parts to be packed in Tape and Reel, add “-T” at the end of the part number. |