Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASM813LCPAF Arkusz danych(PDF) 3 Page - PulseCore Semiconductor

Numer części ASM813LCPAF
Szczegółowy opis  Low Power 關P Supervisor Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSECORE [PulseCore Semiconductor]
Strona internetowa  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM813LCPAF Arkusz danych(HTML) 3 Page - PulseCore Semiconductor

  ASM813LCPAF Datasheet HTML 1Page - PulseCore Semiconductor ASM813LCPAF Datasheet HTML 2Page - PulseCore Semiconductor ASM813LCPAF Datasheet HTML 3Page - PulseCore Semiconductor ASM813LCPAF Datasheet HTML 4Page - PulseCore Semiconductor ASM813LCPAF Datasheet HTML 5Page - PulseCore Semiconductor ASM813LCPAF Datasheet HTML 6Page - PulseCore Semiconductor ASM813LCPAF Datasheet HTML 7Page - PulseCore Semiconductor ASM813LCPAF Datasheet HTML 8Page - PulseCore Semiconductor ASM813LCPAF Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ASM705/706/707/708
April 2008
ASM813L
rev 1.6
Low Power µP Supervisor Circuits
3 of 15
Notice: The information in this document is subject to change without notice.
Pin Description
Pin Number
ASM705/706
ASM707/708
ASM813L
DIP/
SO
MicroSO
DIP/
SO
MicroSO
DIP/
SO
MicroSO
Name
Function
1
3
1
3
1
3
MR
Manual reset input. The active LOW input
triggers a reset pulse. A 250 µA pull-up
current allows the pin to be driven by
TTL/CMOS logic or shorted to ground with a
switch.
2
4
2
4
2
4
VCC
+5V power supply input.
3
5
3
5
3
5
GND
Ground reference for all signals.
4
6
4
6
4
6
PFI
Power-fail input voltage monitor. With PFI
less than 1.25V, PFO goes LOW. Connect
PFI to Ground or VCC when not in use.
5
7
5
7
5
7
PFO
Power-fail output. The output is active LOW
and sinks current when PFI is less than
1.25V.
6
8
-
-
6
8
WDI
Watchdog input. WDI controls the internal
watchdog timer. A HIGH or LOW signal for
1.6sec at WDI allows the internal timer to
run-out, setting WDO LOW. The watchdog
function is disabled by floating WDI or by
connecting WDI to a high impedance three-
state buffer. The internal watchdog timer
clears when: RESET is asserted; WDI is
three-stated ; or WDI sees a rising or falling
edge.
-
-
6
8
-
-
NC
Not Connected.
7
1
7
1
-
-
RESET
Active LOW reset output. Pulses LOW for
200ms when triggered, and stays LOW
whenever VCC is below the reset threshold.
RESET remains LOW for 200ms after VCC
rises above the reset threshold or MR goes
from LOW to HIGH. A watchdog timeout will
not trigger RESET unless WDO is
connected to MR.
8
2
-
-
8
2
WDO
Watchdog output. WDO goes LOW when
the 1.6 second internal watchdog timer
times-out and does not go HIGH until the
watchdog is cleared. In addition, when VCC
falls below the reset threshold, WDO goes
LOW. Unlike RESET, WDO does not have a
minimum pulse width and as soon as VCC
exceeds the reset threshold, WDO goes
HIGH with no delay.
-
-
8
2
7
1
RESET
Active HIGH reset output. The inverse of
RESET. The ASM813L only has a RESET
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com