Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ASM813LCUAF Arkusz danych(PDF) 8 Page - PulseCore Semiconductor

Numer części ASM813LCUAF
Szczegółowy opis  Low Power 關P Supervisor Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSECORE [PulseCore Semiconductor]
Strona internetowa  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM813LCUAF Arkusz danych(HTML) 8 Page - PulseCore Semiconductor

Back Button ASM813LCUAF Datasheet HTML 4Page - PulseCore Semiconductor ASM813LCUAF Datasheet HTML 5Page - PulseCore Semiconductor ASM813LCUAF Datasheet HTML 6Page - PulseCore Semiconductor ASM813LCUAF Datasheet HTML 7Page - PulseCore Semiconductor ASM813LCUAF Datasheet HTML 8Page - PulseCore Semiconductor ASM813LCUAF Datasheet HTML 9Page - PulseCore Semiconductor ASM813LCUAF Datasheet HTML 10Page - PulseCore Semiconductor ASM813LCUAF Datasheet HTML 11Page - PulseCore Semiconductor ASM813LCUAF Datasheet HTML 12Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ASM705/706/707/708
April 2008
ASM813L
rev 1.6
Low Power µP Supervisor Circuits
8 of 15
Notice: The information in this document is subject to change without notice.
Electrical Characteristics
Unless otherwise noted, specifications are over the operating temperature range and VCC supply voltages are 2.7V to 5.5V
(ASM706P,ASM708R), 3.0 V to 5.5V (ASM706/708S), 3.15V to 5.5V (ASM706/708T) and 4.1V to 5.5.V (ASM706/708J)
Parameter
SYMBOL
Test Conditions
Min
TYP
Max
Unit
ASM705/6/7/8C
ASM813L
Operating Voltage Range
VCC
ASM705/6/7/8E, ASM813E
1.2
1.1
1.2
5.5
5.5
5.5
V
ASM705/706C/813LC
ASM705E/706E/813LE
ASM707C/708C
Supply Current
ICC
ASM707E/708E
75
75
50
50
140
140
140
140
µA
ASM705/707/813L, Note 1
RESET Threshold
VRT
ASM706/708 Note 1
4.50
4.25
4.65
4.40
4.75
4.50
V
RESET Threshold
Hysteresis
Note 1
40
mV
RESET Pulse Width
tRS
Note 1
140
200
280
ms
MR Pulse Width
tMR
0.15
µs
MR to RESET Out Delay
tMD
Note 1
0.25
µs
VIH
MR Input Threshold
VIL
2.0
0.8
V
MR Pullup current
MR = 0V
100
250
600
µA
ISOURCE = 800µA
ISINK = 3.2mA
RESET Output Voltage
ASM705/6/7/8, VCC = 1.2V,
ISINK = 100µA
VCC - 1.5
0.4
0.3
V
ASM707/8/813L, ISOURCE =
800µA
ASM707/8, ISINK = 1.2mA
ASM813L, ISINK =3.2mA
RESET Output Voltage
ASM813L, VCC = 1.2V,
ISOURCE = 4µA
VCC - 1.5
0.9
0.4
0.4
V
Watchdog Timeout
Period
tWD
ASM705/6/813L
1.00
1.60
2.25
S
WDI Pulse Width
tWP
VIL = 0.4V, VIH=0.8VCC,
50
ns
VIH
WDI Input Threshold
VIL
ASM705/706/813L, VCC = 5V
3.5
0.8
V
ASM705/6/813L, WDI = VCC
WDI Input Current
ASM705/6/813L, WDI = 0V
-150
50
-50
150
µA
VOH
ASM705/6/813L, ISOURCE =
800µA
WDO Output Voltage
VOL
ASM705/6/813L, ISINK =
1.2mA
VCC - 1.5
0.4
V
PFI Input Threshold
VCC = 5V
1.2
1.25
1.3
V
PFI Input Current
-25
0.01
25
nA
VOH
ISOURCE = 800µA
PFO Output Voltage
VOL
ISINK = 3.2mA
VCC - 1.5
0.4
V
Notes 1: RESET (ASM705/6/7/8), RESET(ASM707/8, ASM813L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com