| Zakładka z wyszukiwarką danych komponentów |
|
TUSB3200CPAH Arkusz danych(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB3200CPAH Arkusz danych(HTML) 40 Page - Texas Instruments |
|
40 / 93 page ![]() 2–24 2.2.14.5 Multiple Byte Read A multiple byte data read transfer is identical to a single byte data read transfer except that multiple data bytes are transmitted by the I2C slave device to the TUSB3200 device as shown in Figure 2-7. Except for the last data byte, the TUSB3200 device should respond with an acknowledge bit after receiving each data byte. A6 A0 ACK Acknowledge I2C Device Address and Read/Write Bit R/W A6 A0 R/W ACK A4 A0 ACK D7 D0 ACK Start Condition Stop Condition Acknowledge Acknowledge Acknowledge Last Data Byte SDA D7 D6 D1 D0 ACK First Data Byte Repeat Start Condition Not Acknowledge I2C Device Address and Read/Write Bit Memory or Register Address Other Data Bytes A7 A6 A7 Figure 2–7. Multiple Byte Read Transfer |