Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TVP6000C Arkusz danych(PDF) 38 Page - Texas Instruments

Numer części TVP6000C
Szczegółowy opis  NTSC/PAL Digital Video Encoder
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TVP6000C Arkusz danych(HTML) 38 Page - Texas Instruments

Back Button TVP6000C Datasheet HTML 34Page - Texas Instruments TVP6000C Datasheet HTML 35Page - Texas Instruments TVP6000C Datasheet HTML 36Page - Texas Instruments TVP6000C Datasheet HTML 37Page - Texas Instruments TVP6000C Datasheet HTML 38Page - Texas Instruments TVP6000C Datasheet HTML 39Page - Texas Instruments TVP6000C Datasheet HTML 40Page - Texas Instruments TVP6000C Datasheet HTML 41Page - Texas Instruments TVP6000C Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
2–26
The RCV2 symbols and signal descriptions are listed in Table 2–16.
Table 2–16. RCV2 Symbols and Signal Descriptions
SYMBOL
SIGNAL DESCRIPTION
HSO
Horizontal synchronization output. As an output, RCV2 is asserted between BRCV and ERCV in every line
including VBI.
HSI
As an input, RCV2 is used for horizontal synchronization. Retriggers the horizontal counter.
CBNO
As an output, RCV2 is asserted between BRCV and ERCV from line FAL to LAL excluding VBI.
CBNI
As an input, RCV2 is used for composite blanking.
NLO
Output only, RCV2 generates a 4 LLC clock wide new line indicator at the beginning of a line to indicate to
the external logic to advance to the next line.
2.11.21 RCM_L21
Subadress: 6D Deault: 0x00
7
6
5
4
3
2
1
0
CRCM2
CBLFM2
ORCM2
PRCM2
RCM1A
RCM1B
L21ENA
L21ENB
Where:
CRCM2
CREF modulation enable
0
CREF modulation is disabled
1
CREF modulation is enabled
When RCM2 is programmed as an active video output (ORCM2 = 1), CREF
modulation is enabled (CRCM2 = 1), and a 16-bit video input port is used, RCM2
is modulated by the internal CREF signal. The modulation is performed
before polarity control.
CBLFM2
See Table 2–18 for programming information.
ORCM2
I/O setting of RCM2
0
RCM2 is set as an input pin (default).
1
RCM2 is set as an output pin.
PRCM2
Polarity setting of RCM2
0
RCM2 polarity is active high (default).
1
RCM2 polarity is active low.
RCM1A
Determines which signal is output to pin RCM1. Refer to Table 2–17.
RCM1B
Determines which signal is output to pin RCM1. Refer to Table 2–17.
L21ENA
This bit controls the extended service closed caption encoding. See Table 2–19 for
progamming information.
L21ENB
This
bit
controls
the
closed
caption
encoding.
See
Table
2–19
for
progamming information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com