Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CY2304SC-2 Arkusz danych(PDF) 9 Page - Cypress Semiconductor

Numer części CY2304SC-2
Szczegółowy opis  3.3V Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2304SC-2 Arkusz danych(HTML) 9 Page - Cypress Semiconductor

  CY2304SC-2 Datasheet HTML 1Page - Cypress Semiconductor CY2304SC-2 Datasheet HTML 2Page - Cypress Semiconductor CY2304SC-2 Datasheet HTML 3Page - Cypress Semiconductor CY2304SC-2 Datasheet HTML 4Page - Cypress Semiconductor CY2304SC-2 Datasheet HTML 5Page - Cypress Semiconductor CY2304SC-2 Datasheet HTML 6Page - Cypress Semiconductor CY2304SC-2 Datasheet HTML 7Page - Cypress Semiconductor CY2304SC-2 Datasheet HTML 8Page - Cypress Semiconductor CY2304SC-2 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Document #: 38-07247 Rev. *F
Revised March 12, 2009
Page 9 of 9
All products and company names mentioned in this document may be the trademarks of their respective holders.
CY2304
© Cypress Semiconductor Corporation, 2001-2009. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of
any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for
medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as
critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems
application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign),
United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of,
and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress
integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without
the express written permission of Cypress.
Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES
OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not
assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where
a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress’ product in a life-support systems application implies that the manufacturer
assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Use may be limited by and subject to the applicable Cypress software license agreement.
Sales, Solutions, and Legal Information
Worldwide Sales and Design Support
Cypress maintains a worldwide network of offices, solution centers, manufacturer’s representatives, and distributors. To find the office
closest to you, visit us at cypress.com/sales.
Products
PSoC
psoc.cypress.com
Clocks & Buffers
clocks.cypress.com
Wireless
wireless.cypress.com
Memories
memory.cypress.com
Image Sensors
image.cypress.com
PSoC Solutions
General
psoc.cypress.com/solutions
Low Power/Low Voltage
psoc.cypress.com/low-power
Precision Analog
psoc.cypress.com/precision-analog
LCD Drive
psoc.cypress.com/lcd-drive
CAN 2.0b
psoc.cypress.com/can
USB
psoc.cypress.com/usb
Document History Page
Document Title: CY2304 3.3V Zero Delay Buffer
Document Number: 38-07247
Rev.
ECN
Orig. of
Change
Submission
Date
Description of Change
**
110512
SZV
12/11/01
Change from Spec number: 38-01010 to 38-07247
*A
112294
CKN
03/04/02
On Pin Configuration Diagram (p.1), swapped CLKA2 and CLKA1
*B
113934
CKN
05/01/02
Added Operating Conditions for CY2304SI-X Industrial Temperature
Devices, p. 4
*C
121851
RBI
12/14/02
Power up requirements added to Operating Conditions Information
*D
308436
RGL
01/26/05
Added Lead-free Devices
*E
2542331
AESA
09/18/08
Updated template. Added Note “Not recommended for new designs.”
Removed part number CY2304SI-2 and CY2304SI-2T.
Changed Lead-Free to Pb-Free.
Changed IDD (PD mode) from 12.0 to 25.0
μA.
Deleted Duty Cycle parameters for FOUT < 50.0 MHz for commercial and
industrial devices.
*F
2673353
KVM/PYRS
03/13/09
Reverted IDD (PD mode) and Duty Cycle parameters back to the values
in revision *D:
Changed IDD (PD mode) from 25 to 12
μA for commercial devices.
Added Duty Cycle parameters for FOUT < 50.0 MHz for commercial and
industrial devices.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com