Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIL196AX Arkusz danych(PDF) 2 Page - ISOCOM COMPONENTS

Numer części TIL196AX
Szczegółowy opis  HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISOCOM [ISOCOM COMPONENTS]
Strona internetowa  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TIL196AX Arkusz danych(HTML) 2 Page - ISOCOM COMPONENTS

  TIL196AX Datasheet HTML 1Page - ISOCOM COMPONENTS TIL196AX Datasheet HTML 2Page - ISOCOM COMPONENTS TIL196AX Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92398m-AAS/A6
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.4
V
I
F = ± 20mA
Output
Collector-emitter Breakdown (BV
CEO)
35
V
I
C = 0.5mA
( Note 2 )
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
100
nA
V
CE = 20V
Coupled
Current Transfer Ratio (CTR) (Note 2)
TIL194, TIL195, TIL196
20
%
± 5mAI
F , 5V VCE
TIL194A, TIL195A, TIL196A
50
%
TIL194B, TIL195B, TIL196B
100
%
Collector-Emitter Saturation VoltageV
CE (SAT)
0.4
V
± 5mAI
F , 1mAIC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Response Time (Rise), tr
4
µs
V
CE = 2V ,
Response Time (Fall), tf
3
µs
I
C= 2mA, RL= 100Ω
14/5/03
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 125°C
Operating Temperature
-30°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
± 50mA
Power Dissipation
70mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
35V
Emitter-collector Voltage BV
ECO
6V
Power Dissipation
150mW
POWER DISSIPATION
Total Power Dissipation
200mW
(derate linearly 2.67mW/°C above 25°C)



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com