Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

461950 Arkusz danych(PDF) 3 Page - Extech Instruments Corporation.

Numer części 461950
Szczegółowy opis  Panel Mount Digital Tachometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXTECH [Extech Instruments Corporation.]
Strona internetowa  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

461950 Arkusz danych(HTML) 3 Page - Extech Instruments Corporation.

  461950 Datasheet HTML 1Page - Extech Instruments Corporation. 461950 Datasheet HTML 2Page - Extech Instruments Corporation. 461950 Datasheet HTML 3Page - Extech Instruments Corporation. 461950 Datasheet HTML 4Page - Extech Instruments Corporation. 461950 Datasheet HTML 5Page - Extech Instruments Corporation. 461950 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Model 461950 Version 2.0 March 2005
3
Mounting Instructions
Panel Meter Mounting
1.
The 461950 dimensions are:
Meter: 3.61 x 1.66 x 3.54 " (92 x 42 x 90 mm)
Bezel: 3.78 x 1.89 x 2.36 " (96 x 48 x 60 mm)
2.
Prepare a panel cutout with the following dimensions: 3.62 x 1.77" (92 x 45 mm).
3.
The Tachometer will fit a standard 1/8 DIN cutout. Mounting hardware is provided
which attaches to the sides of the meter. The screws attached to the mounting
bracket should be tightened to the back of the panel (avoid over-tightening which can
bow the meter housing).
Proximity Switch Model 461955 Mounting
Use the mounting holes to secure the proximity switch to the desired surface. The sensor
is the side of the switch that detects a moving metal object such as a gear tooth or a fan
blade. The sensor side of the switch has an X on it and is located on the opposite side of
the switch from the wiring cable. Refer to the top view diagram below. The Proximity switch
must be mounted so that the object being detected passes within 0.16" (4mm) of the
sensor side of the switch. The pulse LED will light when the sensor detects a metal object.
Photoelectric Sensor Model 461957 Mounting
Use the mounting holes to secure the photoelectric sensor to the desired surface. The
photo beam is generated and detected in the groove (as depicted by the dotted line in the
diagram below). The object under test must pass in the groove so that the light beam can
be interrupted.
+
+
Sensor
Pulse LED
Mount holes
Cabling
++
Power / Detection
LEDs
Sensitivity
Adjust
Sensor
Mount Holes
Cable



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com