Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APT5F100K Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części APT5F100K
Szczegółowy opis  N-Channel FREDFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT5F100K Arkusz danych(HTML) 2 Page - Microsemi Corporation

  APT5F100K Datasheet HTML 1Page - Microsemi Corporation APT5F100K Datasheet HTML 2Page - Microsemi Corporation APT5F100K Datasheet HTML 3Page - Microsemi Corporation APT5F100K Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Static Characteristics
TJ = 25°C unless otherwise specified
Dynamic Characteristics
TJ = 25°C unless otherwise specified
Source-Drain Diode Characteristics
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature.
2 Starting at T
J = 25°C, L = 69mH, RG = 25Ω, IAS = 3A.
3 Pulse test: Pulse Width < 380μs, duty cycle < 2%.
4 C
o(cr) is defined as a fixed capacitance with the same stored charge as COSS with VDS = 67% of V(BR)DSS.
5 C
o(er) is defined as a fixed capacitance with the same stored energy as COSS with VDS = 67% of V(BR)DSS. To calculate Co(er) for any value of
V
DS less than V(BR)DSS, use this equation: Co(er) = -3.43E-8/VDS^2 + 1.44E-8/VDS + 5.38E-11.
6 R
G is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
G
D
S
Unit
V
V/°C
Ω
V
mV/°C
μA
nA
Unit
S
pF
nC
ns
Unit
A
V
ns
μC
A
V/ns
Min
Typ
Max
1000
1.15
2.4
2.8
2.5
4
5
-10
250
1000
±100
Min
Typ
Max
5.4
20
1.3
130
155
199
247
0.4
0.8
6
8
25
Min
Typ
Max
5.6
1409
19
118
48
25
43
7.6
21
23
21
72
21
Test Conditions
V
GS = 0V, ID = 250μA
Reference to 25°C, I
D = 250μA
V
GS = 10V, ID = 3A
V
GS = VDS, ID = 0.5mA
V
DS = 500V
T
J = 25°C
V
GS = 0V
T
J = 125°C
V
GS = ±30V
Test Conditions
MOSFET symbol
showing the
integral reverse p-n
junction diode
(body diode)
I
SD = 3A, TJ = 25°C, VGS = 0V
T
J = 25°C
T
J = 125°C
I
SD = 3A
3
T
J = 25°C
di
SD/dt = 100A/μs
T
J = 125°C
V
DD = 100V
T
J = 25°C
T
J = 125°C
I
SD ≤ 3A, di/dt ≤1000A/μs, VDD = 400V,
T
J = 125°C
Test Conditions
V
DS = 50V, ID = 3A
V
GS = 0V, VDS = 25V
f = 1MHz
V
GS = 0V, VDS = 0V to 500V
V
GS = 0 to 10V, ID = 6A,
V
DS = 500V
Resistive Switching
V
DD = 666V, ID = 3
R
G = 2.2Ω
6
, V
GG = 15V
Parameter
Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Drain-Source On Resistance 3
Gate-Source Threshold Voltage
Threshold Voltage Temperature Coefficient
Zero Gate Voltage Drain Current
Gate-Source Leakage Current
Parameter
Continuous Source Current
(Body Diode)
Pulsed Source Current
(Body Diode) 1
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
Peak Recovery dv/dt
Parameter
Forward Transconductance
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Effective Output Capacitance, Charge Related
Effective Output Capacitance, Energy Related
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
Current Rise Time
Turn-Off Delay Time
Current Fall Time
Symbol
V
BR(DSS)
∆V
BR(DSS)/∆TJ
R
DS(on)
V
GS(th)
∆V
GS(th)/∆TJ
I
DSS
I
GSS
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
I
rrm
dv/dt
Symbol
g
fs
C
iss
C
rss
C
oss
C
o(cr)
4
C
o(er)
5
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
APT5F100K



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com