Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APT12M80B Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części APT12M80B
Szczegółowy opis  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT12M80B Arkusz danych(HTML) 2 Page - Microsemi Corporation

  APT12M80B Datasheet HTML 1Page - Microsemi Corporation APT12M80B Datasheet HTML 2Page - Microsemi Corporation APT12M80B Datasheet HTML 3Page - Microsemi Corporation APT12M80B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Static Characteristics
TJ = 25°C unless otherwise specified
Source-Drain Diode Characteristics
Dynamic Characteristics
TJ = 25°C unless otherwise specified
1 Repetitive Rating: Pulse width and case temperature limited by maximum junction temperature.
2 Starting at T
J
= 25°C, L = 29.17mH, R
G
= 10
Ω, I
AS
= 6A.
3 Pulse test: Pulse Width < 380µs, duty cycle < 2%.
4 C
o(cr)
is defined as a fixed capacitance with the same stored charge as C
OSS
with V
DS
= 67% of V
(BR)DSS
.
5 C
o(er)
is defined as a fixed capacitance with the same stored energy as C
OSS
with V
DS
= 67% of V
(BR)DSS
. To calculate C
o(er)
for any value of
V
DS
less than V
(BR)DSS,
use this equation: C
o(er)
= 7.84E-9/V
DS
^2 + 1.01E-8/V
DS
+ 3.88E-11.
6 R
G
is external gate resistance, not including internal gate resistance or gate driver impedance. (MIC4452)
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
G
D
S
Unit
V
V/°C
Ω
V
mV/°C
µA
nA
Unit
A
V
ns
µC
V/ns
Unit
S
pF
nC
ns
Min
Typ
Max
800
0.87
0.55
0.80
3
4
5
-10
100
500
±100
Min
Typ
Max
13
45
1.0
840
14
10
Min
Typ
Max
11
2470
42
245
115
60
80
13
41
14
20
60
18
Test Conditions
V
GS
= 0V
, I
D
= 250µA
Reference to 25°C, I
D
= 250µA
V
GS
= 10V
, I
D
= 6A
V
GS
= V
DS,
I
D
= 1mA
V
DS
= 800V
T
J
= 25°C
V
GS
= 0V
T
J
= 125°C
V
GS
= ±30V
Test Conditions
V
DS
= 50V
, I
D
= 6A
V
GS
= 0V
, V
DS
= 25V
f = 1MHz
V
GS
= 0V
, V
DS
= 0V to 533V
V
GS
= 0 to 10V
, I
D
= 6A,
V
DS
= 400V
Resistive Switching
V
DD
= 533V
, I
D
= 6A
R
G
= 4.7
Ω 6 , V
GG
= 15V
Test Conditions
MOSFET symbol
showing the
integral reverse p-n
junction diode
(body diode)
I
SD
= 6A
, T
J
= 25°C, V
GS
= 0V
I
SD
= 6A, V
DD
= 100V 3
di
SD/
dt = 100A/µs, T
J
= 25°C
I
SD ≤
6A, di/dt
≤1000A/µs, V
DD
= 533V,
T
J
= 125°C
Parameter
Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Drain-Source On Resistance 3
Gate-Source Threshold Voltage
Threshold Voltage Temperature Coefficient
Zero Gate Voltage Drain Current
Gate-Source Leakage Current
Parameter
Continuous Source Current
(Body Diode)
Pulsed Source Current
(Body Diode) 1
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
Peak Recovery dv/dt
Parameter
Forward Transconductance
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Effective Output Capacitance, Charge Related
Effective Output Capacitance, Energy Related
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
Current Rise Time
Turn-Off Delay Time
Current Fall Time
Symbol
V
BR(DSS)
ΔV
BR(DSS)
/
ΔT
J
R
DS(on)
V
GS(th)
ΔV
GS(th)
/
ΔT
J
I
DSS
I
GSS
Symbol
I
S
I
SM
V
SD
t
rr
Q
rr
dv/dt
Symbol
g
fs
C
iss
C
rss
C
oss
C
o(cr)
4
C
o(er)
5
Q
g
Q
gs
Q
gd
t
d(on)
t
r
t
d(off)
t
f
APT12M80B_S



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com