| Zakładka z wyszukiwarką danych komponentów |
|
SPT7730SCS Arkusz danych(PDF) 8 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
SPT7730SCS Arkusz danych(HTML) 8 Page - Cadeka Microcircuits LLC. |
|
8 / 8 page ![]() 8 12/19/97 SPT7730 PIN ASSIGNMENTS PIN FUNCTIONS Name Function Analog In Analog Signal Input Start Convert Start Convert. A high-to-low transition on this input begins the conversion cycle and enables serial data output. Clock Clock that drives A/D conversion cycle and the synchronous serial data output Data Out Serial Data. Tri-state serial data output for the A/D result driven by the CLOCK input External VREF+ External voltage reference for top of reference ladder External VREF- External voltage reference for bottom of reference ladder VDD Analog and Digital +3 V to +5 V Power Supply Input GND Analog and Digital Ground Data Out External VREF+ Analog In External VREF- Ground VDD Clock Start Convert 1 2 3 4 8 7 6 5 ORDERING INFORMATION PART NUMBER TEMPERATURE RANGE PACKAGE SPT7730SCS 0 to +70 °C 8L SOIC SPT7730SCU* +25 °C Die* *Please see the die specification for guaranteed electrical performance. |