Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2805 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2805
Szczegółowy opis  45 MHz lowpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2805 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2805 Datasheet HTML 1Page - KR Electronics, Inc. 2805 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S 21
log MAG
.5 dB/
REF 0 dB
START
.100 000 MHz
STOP 45.000 000 MHz
Cor
PRm
CH2
S 11
SWR
REF 1
250 m /
Cor
PRm
4 Jan 2008 17:47:32
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 START
1.000 000 MHz
STOP 1 000.000 000 MHz
PRm
4 Jan 2008 17:48:58
KR Electronics
KR 2805 is a 45 MHz lowpass filter. The filter has a minimum
1 dB bandwidth of 45 MHz. Other center frequencies and band-
widths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• Sharp Transition to Stopband
• >30 dB Stopband
• 50 Ω Source and Load
• SMA Connectors
Typical Performance
www.krfilters.com
Passband Amplitude & VSWR
(0.5 dB/div & 0.25/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2805

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Emcore Corporation
2805 EMCORE-2805 Datasheet
361Kb / 2P
110 Channel CATV Private Network Solution (PNS)
logo
PHOENIX CONTACT
2805025 PHOENIX-2805025 Datasheet
59Kb / 3P
Housing - BNC-DV-LG
09/12/2020
2805038 PHOENIX-2805038 Datasheet
79Kb / 2P
BNC-DV 50
2805041 PHOENIX-2805041 Datasheet
76Kb / 2P
BNC-V 50
logo
Tyco Electronics
280508-2 MACOM-280508-2 Datasheet
82Kb / 1P
AMPMODU II GEADER ASS, IES, STRAIGHT, SINGLE ROW
More results

Podobny opis - 2805

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KR Electronics, Inc.
2826 KR-2826 Datasheet
541Kb / 2P
45 KHz lowpass filter
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
2978 KR-2978 Datasheet
95Kb / 3P
150 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
2455-SMD KR-2455-SMD Datasheet
170Kb / 3P
45 MHz Lowpass
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
3282-SMA KR-3282-SMA Datasheet
56Kb / 3P
45 KHz Lowpass Filter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com