Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2822 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2822
Szczegółowy opis  184.14 MHz surface mount bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2822 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2822 Datasheet HTML 1Page - KR Electronics, Inc. 2822 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF 0 dB
CENTER
184 . 140
000
MHz
SPAN
40 . 000
000
MHz
C
CH3
S31
DEL
10 ns/
REF 0 s
C
6 Mar 2008 17:45:30
CH1
S31
LOG
10 dB/
REF 0 dB
CENTER
184 . 140
000
MHz
SPAN
368 . 260
000
MHz
Cor
6 Mar 2008 17:43:17
KR Electronics, Inc.
KR 2822 is a 184.14 MHz surface mount bandpass filter. Other
center frequencies and bandwidths available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
• Surface Mount Package
• Typical 3 dB BW, 34 MHz
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2822

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
2822 HEYCO-2822 Datasheet
102Kb / 1P
Shorty Bushings
logo
PHOENIX CONTACT
2822011 PHOENIX-2822011 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-SG 24/21
2822024 PHOENIX-2822024 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-SG 60/21
2822037 PHOENIX-2822037 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-SG110/21
2822040 PHOENIX-2822040 Datasheet
78Kb / 4P
Relay connectors - ST-REL3-SG220/21
More results

Podobny opis - 2822

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Monolithics, Inc
SF1179B RFM-SF1179B Datasheet
186Kb / 4P
184.14 MHz SAW Filter
logo
KR Electronics, Inc.
2790 KR-2790 Datasheet
371Kb / 2P
75 MHz surface mount bandpass filter
2791 KR-2791 Datasheet
371Kb / 2P
500 MHz surface mount bandpass filter
2792-11 KR-2792-11 Datasheet
371Kb / 2P
11 MHz surface mount bandpass filter
2792-19 KR-2792-19 Datasheet
371Kb / 2P
19 MHz surface mount bandpass filter
2804 KR-2804 Datasheet
49Kb / 2P
53 MHz surface mount bandpass filter
2821 KR-2821 Datasheet
371Kb / 2P
40.92 MHz surface mount bandpass filter
2830 KR-2830 Datasheet
49Kb / 2P
60 MHz surface mount bandpass filter
2836 KR-2836 Datasheet
371Kb / 2P
230 MHz surface mount bandpass filter
2841 KR-2841 Datasheet
371Kb / 2P
286 MHz surface mount bandpass filter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com