Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2824 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2824
Szczegółowy opis  32 MHz surface mount lowpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2824 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2824 Datasheet HTML 1Page - KR Electronics, Inc. 2824 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S 21
log MAG
.5 dB/
REF 0 dB
Cor
PRm
CH2
S 21
delay
REF 0 s
50 ns/
START
.100 000 MHz
STOP 32.000 000 MHz
Cor
PRm
19 Mar 2008 12:04:17
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 START
.100 000 MHz
STOP 100.000 000 MHz
Cor
Avg
16
PRm
19 Mar 2008 12:04:56
KR Electronics, Inc.
KR 2824 is a 32 MHz surface mount lowpass filter. Other fre-
quencies and bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 32 MHz Lowpass Filter
• High Stopband Atten > 75 dB
• Surface Mount Package
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.5 dB/div & 50 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2824

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Systemsensor advanced i...
2824 SYSTEMSENSOR-2824 Datasheet
498Kb / 2P
4/6 Wire Ststems Dectectors
logo
Heyco.
2824 HEYCO-2824 Datasheet
102Kb / 1P
Shorty Bushings
logo
Adafruit Industries
2824 ADAFRUIT-2824 Datasheet
95Kb / 2P
NeoPixel Digital RGBW LED Strip - Black PCB 30 LED/m
logo
Alpha Wire
2824-3 ALPHAWIRE-2824-3 Datasheet
406Kb / 4P
22 (19/34) AWG Silver Plated Copper
2824-4 ALPHAWIRE-2824-4 Datasheet
406Kb / 4P
22 (19/34) AWG Silver Plated Copper
More results

Podobny opis - 2824

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dielectric Laboratories...
L065XG9S DILABS-L065XG9S Datasheet
623Kb / 2P
6 GHz Surface Mount Lowpass Filter
L095XG9S DILABS-L095XG9S Datasheet
1Mb / 2P
Surface Mount Lowpass Filter Series
L117XH4S DILABS-L117XH4S Datasheet
1Mb / 2P
Surface Mount Lowpass Filter Series
L128XH4S DILABS-L128XH4S Datasheet
1Mb / 2P
Surface Mount Lowpass Filter Series
L157XG3S DILABS-L157XG3S Datasheet
1Mb / 2P
Surface Mount Lowpass Filter Series
L204XF4S DILABS-L204XF4S Datasheet
1Mb / 2P
Surface Mount Lowpass Filter Series
L254XF3S DILABS-L254XF3S Datasheet
1Mb / 2P
Surface Mount Lowpass Filter Series
logo
KR Electronics, Inc.
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3254-32-LP-SMA KR-3254-32-LP-SMA Datasheet
82Kb / 3P
32 MHz Lowpass Filter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com