Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2826 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2826
Szczegółowy opis  45 KHz lowpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2826 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2826 Datasheet HTML 1Page - KR Electronics, Inc. 2826 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
5
10
15
20
25
30
35
40
45
50
Frequency (KHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
0
15
30
45
60
75
90
105
120
135
150
Frequency (KHz)
KR Electronics
KR 2826 is a 45 KHz lowpass filter. The filter has a minimum
1.5 dB bandwidth of 45 KHz and greater than 30 dB at 50 KHz.
Other passband frequencies are available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
• 45 KHz Lowpass
• SMA Connectors
• 500 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude
(1 dB/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2826

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha Wire
2826 ALPHAWIRE-2826 Datasheet
406Kb / 4P
16 (19/29) AWG Silver Plated Copper
2826-3 ALPHAWIRE-2826-3 Datasheet
406Kb / 4P
16 (19/29) AWG Silver Plated Copper
2826-4 ALPHAWIRE-2826-4 Datasheet
407Kb / 4P
16 (19/29) AWG Silver Plated Copper
2826/2 ALPHAWIRE-2826/2 Datasheet
98Kb / 4P
Customer Specification
12/13/2022
2826/3 ALPHAWIRE-2826/3 Datasheet
406Kb / 4P
16 (19/29) AWG Silver Plated Copper
More results

Podobny opis - 2826

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KR Electronics, Inc.
2805 KR-2805 Datasheet
47Kb / 2P
45 MHz lowpass filter
2827 KR-2827 Datasheet
60Kb / 2P
350 KHz lowpass filter
2275-2-BNC KR-2275-2-BNC Datasheet
157Kb / 3P
200 KHz Lowpass Filter
2275-5-BNC KR-2275-5-BNC Datasheet
155Kb / 3P
500 KHz Lowpass Filter
2275-15 KR-2275-15 Datasheet
51Kb / 3P
150 KHz Lowpass
3105-535 KR-3105-535 Datasheet
61Kb / 3P
535 KHz Lowpass Filter
3201-20-BNC KR-3201-20-BNC Datasheet
58Kb / 3P
20 KHz Lowpass Filter
2928-SMA KR-2928-SMA Datasheet
100Kb / 3P
100 KHz Lowpass Filter
3201-20-SMA KR-3201-20-SMA Datasheet
56Kb / 3P
20 KHz Lowpass Filter
3282-SMA KR-3282-SMA Datasheet
56Kb / 3P
45 KHz Lowpass Filter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com