Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2837 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2837
Szczegółowy opis  280 MHz surface mount bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2837 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2837 Datasheet HTML 1Page - KR Electronics, Inc. 2837 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF 0 dB
Cor
CH2
S31
DEL
10 ns/
REF 0 s
CENTER
280 . 000
000
MHz
SPAN
44 . 000
000
MHz
Cor
29 May 2008 10:37:52
CH1
S31
LOG
5 dB/
REF 0 dB
CENTER
280 . 000
000
MHz
SPAN
260 . 000
000
MHz
Cor
29 May 2008 10:39:55
KR Electronics
KR 2837 is a 280 MHz surface mount bandpass filter. The filter
has a minimum 3 dB bandwidth of 44 MHz. Other passband
frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
280 MHz Center Frequency
Surface Mount Package
50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Podobny numer części - 2837

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
2837 HEYCO-2837 Datasheet
102Kb / 1P
Shorty Bushings
2837 HEYCO-2837 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Adafruit Industries
2837 ADAFRUIT-2837 Datasheet
96Kb / 2P
NeoPixel Digital RGBW LED Strip - Black PCB 60 LED/m
logo
Alpha Wire
2837-2 ALPHAWIRE-2837-2 Datasheet
406Kb / 4P
20 (19/32) AWG Silver Plated Copper
2837/2 ALPHAWIRE-2837/2 Datasheet
406Kb / 4P
20 (19/32) AWG Silver Plated Copper
More results

Podobny opis - 2837

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Circuit Syst...
SF0280BA01984S ICST-SF0280BA01984S Datasheet
81Kb / 2P
280 MHz Bandpass Filter 17 MHz bandwidth
Rev X10
logo
KR Electronics, Inc.
2790 KR-2790 Datasheet
371Kb / 2P
75 MHz surface mount bandpass filter
2791 KR-2791 Datasheet
371Kb / 2P
500 MHz surface mount bandpass filter
2792-11 KR-2792-11 Datasheet
371Kb / 2P
11 MHz surface mount bandpass filter
2792-19 KR-2792-19 Datasheet
371Kb / 2P
19 MHz surface mount bandpass filter
2804 KR-2804 Datasheet
49Kb / 2P
53 MHz surface mount bandpass filter
2821 KR-2821 Datasheet
371Kb / 2P
40.92 MHz surface mount bandpass filter
2830 KR-2830 Datasheet
49Kb / 2P
60 MHz surface mount bandpass filter
2836 KR-2836 Datasheet
371Kb / 2P
230 MHz surface mount bandpass filter
2841 KR-2841 Datasheet
371Kb / 2P
286 MHz surface mount bandpass filter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com