Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2853 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2853
Szczegółowy opis  10.75 MHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2853 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2853 Datasheet HTML 1Page - KR Electronics, Inc. 2853 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF 0 dB
Cor
CH2
S31
DEL
100 ns/
REF 0 s
START
7 . 000
000
MHz
STOP
14 . 500
000
MHz
Cor
Smo
23 Jul 2008 10:10:43
CH1
S31
LOG
10 dB/
REF 0 dB
START
1 . 000
000
MHz
STOP
100
. 000
000
MHz
23 Jul 2008 10:12:10
KR Electronics
KR 2853 is a 10.75 MHz bandpass filter. The filter has a mini-
mum 3 dB bandwidth of 7.5 MHz. Other passband frequencies
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 10.75 MHz Center Frequency
• 7.5 MHz Bandwidth
• SMA Connectors
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 100 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2853

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
2853 HEYCO-2853 Datasheet
102Kb / 1P
Shorty Bushings
2853 HEYCO-2853 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Adafruit Industries
2853 ADAFRUIT-2853 Datasheet
88Kb / 2P
NeoPixel Ring - 12 x 5050 RGBW LEDs w/ Integrated Drivers - Cool White - ~6000K
logo
Alpha Wire
2853/1 ALPHAWIRE-2853/1 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
logo
List of Unclassifed Man...
28530 ETC2-28530 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
More results

Podobny opis - 2853

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
logo
Transko Electronics, In...
TA18410BV TRANSKO-TA18410BV Datasheet
614Kb / 4P
184.00 MHz IF SAW Filter / 10.75 MHz Bandwidth
Revision 0: 22. Aug. 2011
TF-011502-S90 TRANSKO-TF-011502-S90 Datasheet
607Kb / 4P
115.00 MHz IF SAW Filter / 10.75 MHz Bandwidth
Revision 0: June 2013
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com