Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2865 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2865
Szczegółowy opis  80 MHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2865 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2865 Datasheet HTML 1Page - KR Electronics, Inc. 2865 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH2
MEM
LOG
1 dB/
REF 0 dB
CENTER
80 . 000
000
MHz
SPAN
12 . 500
000
MHz
Cor
CH4
S31
DEL
20 ns/
REF 80 ns
Cor
Smo
4 Dec 2008 11:16:18
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
10 . 000
000
MHz
STOP
1 000 . 000
000
MHz
Avg
16
4 Dec 2008 11:20:14
KR Electronics
KR 2865 is a 80 MHz bandpass filter. The filter has a typical 3
dB bandwidth of 13 MHz. Other passband frequencies are avail-
able. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 80 MHz Center Frequency
• High Stopband Attenuation
• SMA Connectors
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 20 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2865

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
2865 HEYCO-2865 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Christian Bürkert GmbH ...
2865 BURKERT-2865 Datasheet
1Mb / 14P
Direct-acting 2-way basic proportional valve
02.09.2021
logo
Weidmuller
2865000000 WEIDMULLER-2865000000 Datasheet
288Kb / 4P
BLZ 7.62/07/180B SN GN BX
logo
PHOENIX CONTACT
2865010 PHOENIX-2865010 Datasheet
106Kb / 6P
Power supply and error indication possible via DIN rail connector
logo
Weidmuller
2865010000 WEIDMULLER-2865010000 Datasheet
288Kb / 4P
BLZ 7.62/08/180B SN GN BX
More results

Podobny opis - 2865

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TriQuint Semiconductor
855679 TRIQUINT-855679 Datasheet
65Kb / 1P
80 MHz Bandpass Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
SF0250BA02425S ICST-SF0250BA02425S Datasheet
82Kb / 3P
250 MHz SAW Bandpass Filter 80 MHz bandwidth
Rev X5
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Spectrum Microwave, Inc...
SF0307BA03149S SPECTRUM-SF0307BA03149S Datasheet
152Kb / 3P
307.2 MHz SAW bandpass filter with 80 MHz bandwidth
logo
API Technologies Corp
SF0307BA03149S APITECH-SF0307BA03149S Datasheet
152Kb / 3P
307.2 MHz SAW bandpass filter with 80 MHz bandwidth
logo
TriQuint Semiconductor
855679 TRIQUINT-855679_15 Datasheet
67Kb / 1P
80 MHz Bandpass Filter 8 MHz Bandwidth
logo
KR Electronics, Inc.
3016 KR-3016 Datasheet
65Kb / 3P
80 MHz Bandpass Filter
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com