| Zakładka z wyszukiwarką danych komponentów |
|
ITH030A24SW Arkusz danych(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
ITH030A24SW Arkusz danych(HTML) 1 Page - Glenair, Inc. |
|
1 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com 14 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2006 Glenair, Inc. Printed in U.S.A. U.S. CAGE Code 06324 ITH = Plastic Insert and Standard Contacts (See Notes #4, 6) 030 = Rear Mounting Receptacle with Threaded Holes Environmental Class A - Non-Environmental R - Environmental ITH 030 A and ITH 030 R Rear Box Mount Receptacle with Accessory Backshell and a Selection of Cable Clamps ITH 030 A 28-21 P Y XXX Order Cable Clamps and Sleeves Separately or Use Mod Codes (Table II) to Add Clamp to This Assembly. Application Notes: 1. Box mount receptacle connector with square flange for rear panel mounting and backshell for use with cable clamps or BR backshells. Threaded mounting holes. 2. Environmental class A (non-environmental) not supplied with grommet; Class R (environmental) supplied with grommet. 3. Standard shell materials configuration consists of aluminum alloy with cadmium free conductive plating and black passivation. 4. Standard contact material consists of copper alloy with gold plating. 5. A broad range of other front and rear connector accessories are available. See our website and/or contact the factory for complete information. 6. Standard insert material is Low fire hazard plastic UL94V0, IAW Article 3, NFF16-102, 356833. Mod Code Option (See Table II) Alternate Insert Rotation (W, X, Y, Z) Omit for Normal (See Page 6) Contact Gender P - Pin S - Socket Shell Size and Insert Arrangement (See Page 7) L2 L3 D1 F L1 L4 E D2 IT 3057 C Cable Clamp IT 3420 Neoprene Sleeve IT 3057 A Cable Clamp |
Podobny numer części - ITH030A24SW |
|
Podobny opis - ITH030A24SW |