Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TK71541 Arkusz danych(PDF) 12 Page - TOKO, Inc

Numer części TK71541
Szczegółowy opis  LOW DROPOUT VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOKO [TOKO, Inc]
Strona internetowa  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71541 Arkusz danych(HTML) 12 Page - TOKO, Inc

Back Button TK71541 Datasheet HTML 5Page - TOKO, Inc TK71541 Datasheet HTML 6Page - TOKO, Inc TK71541 Datasheet HTML 7Page - TOKO, Inc TK71541 Datasheet HTML 8Page - TOKO, Inc TK71541 Datasheet HTML 9Page - TOKO, Inc TK71541 Datasheet HTML 10Page - TOKO, Inc TK71541 Datasheet HTML 11Page - TOKO, Inc TK71541 Datasheet HTML 12Page - TOKO, Inc TK71541 Datasheet HTML 13Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Page 12
January 1999 TOKO, Inc.
TK715xx
REVERSE BIAS PROTECTION
The internal reverse bias protection eliminates the
requirement for a reverse voltage protection diode. This
saves both cost and board space.
Another reverse bias protection technique is illustrated
below. The extra diode and extra capacitor are not
necessary with the TK715xx. The high output voltage
accuracy is maintained because the diode forward voltage
variations over temperature and load current have been
eliminated.
PARALLEL OPERATION
The series resistor R is put in the input line of the low output
voltage regulator in order to prevent overdissipation. The
voltage dropped across the resistor reduces the large
input-to-output voltage across the regulator, reducing the
power dissipation in the device.
715xxS
VOUT
VIN
GND
APPLICATION INFORMATION (CONT.)
SWITCHING OPERATION
Even though the input voltages or the output voltages are
different, the outputs of the TK715xx regulators can be
connected together, and the output voltages switched. If
two or more TK715xx regulators are turned ON
simultaneously, the highest output voltage will be present.
CURRENT BOOST OPERATION
The output current can be increased by connecting an
external PNP transistor as shown below. The output
current capability depends upon the H
fe of the external
transistor. Note: The TK715xx internal short circuit
protection and thermal sensor do not protect the external
transistor.
TK715xxS
VOUT
VIN
TK71550
5 V
VIN
TK71530
TK71520
3 V
2 V
R
TK715xx
VIN
VOUT
0.22 µF
150
Ω
VIN
3.3 µF
TK71530
VIN
TK71528
VIN
VOUT
3.0 OR 2.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com