| Zakładka z wyszukiwarką danych komponentów |
|
TK71529ASCL Arkusz danych(PDF) 5 Page - TOKO, Inc |
|
|
|||||||||||||||||||||||||||||
TK71529ASCL Arkusz danych(HTML) 5 Page - TOKO, Inc |
|
5 / 15 page ![]() March 2001 TOKO, Inc. Page 5 TK715xxAS TYPICAL PERFORMANCE CHARACTERISTICS T A = 25 °C, unless otherwise specified. TEST CIRCUIT LOAD REGULATION IOUT (mA) 0 50 100 VOUT TYPICAL 3 5 SHORT CIRCUIT CURRENT IOUT (mA) 1 0 100 200 4 2 0 OUTPUT VOLTAGE vs. INPUT VOLTAGE VIN (V) 0 VOUT TYPICAL IOUT = 100 mA IOUT = 50 mA IOUT = 0 mA VIN = VOUT 50 mV/DIV 60 100 REVERSE BIAS CURRENT RANGE VREV (V) 20 0 5 10 80 40 0 VOUT = 2.0 V VOUT = 8.0 V Because the output voltage is different, the reverse current will change this area. (VIN = 0 V) 2 INPUT CURRENT VS. INPUT VOLTAGE VIN (V) 0 5 10 1 0 IOUT = 0 mA VOUT = 3 V LINE REGULATION VIN (V) 0 10 20 VOUT TYPICAL IOUT VIN VIN VOUT CIN 0.1 µF VOUT IIN GND CL 1.0 µF TANTALUM |