Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPC8178TK Arkusz danych(PDF) 21 Page - NEC

Numer części UPC8178TK
Szczegółowy opis  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

UPC8178TK Arkusz danych(HTML) 21 Page - NEC

Back Button UPC8178TK Datasheet HTML 17Page - NEC UPC8178TK Datasheet HTML 18Page - NEC UPC8178TK Datasheet HTML 19Page - NEC UPC8178TK Datasheet HTML 20Page - NEC UPC8178TK Datasheet HTML 21Page - NEC UPC8178TK Datasheet HTML 22Page - NEC UPC8178TK Datasheet HTML 23Page - NEC UPC8178TK Datasheet HTML 24Page - NEC UPC8178TK Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
–30
5
10
0
–5
–10
–15
–20
–25
5
10
0
–5
–10
–15
–20
–25
010
–10
–20
–30
010
–10
–20
VCC = 3.0 V
3.3 V
2.7 V
2.4 V
f = 2.4 GHz
TA = +85
°C
–40
°C
+25
°C
–20
–30
–30
–20
–10
0
–30
–20
–10
0
–40
–50
–60
–70
–80
–10
0
10
20
–20
–30
–40
–50
–60
–70
–80
–10
0
0
10
20
–30
–20
–30
–40
–50
–60
–70
–80
–10
10
20
0
–20
–30
–40
–50
–60
–70
–80
–10
10
20
OIP3 = 2.1 dBm
OIP3 = 1.4 dBm
OIP3 = 2.6 dBm
OIP3 = 1.0 dBm
–20
–10
0
–30
–20
–10
0
IM3 (des)
IM3 (des)
IM3 (undes)
IM3 (undes)
Pout (des)
Pout (des)
Pout (undes)
Pout (undes)
Pout (undes)
IM3 (des)
IM3 (undes)
Pout (undes)
Pout (des)
Pout (des)
IM3 (des)
IM3 (undes)
f = 2.4 GHz,
VCC = 3.0 V
VCC = 3.0 V
f1 = 2 400 MHz
f2 = 2 401 MHz
VCC = 2.4 V
f1 = 2 400 MHz
f2 = 2 401 MHz
VCC = 2.7 V
f1 = 2 400 MHz
f2 = 2 401 MHz
VCC = 3.3 V
f1 = 2 400 MHz
f2 = 2 401 MHz
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER, IM3 vs. INPUT POWER
Input Power Pin (dBm)
Remark The graphs indicate nominal characteristics.
Data Sheet PU10063EJ02V0DS
21
µPC8178TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com