| Zakładka z wyszukiwarką danych komponentów |
|
TK71532ASCL/32 Arkusz danych(PDF) 2 Page - TOKO, Inc |
|
|
|||||||||||||||||||||||||||||
TK71532ASCL/32 Arkusz danych(HTML) 2 Page - TOKO, Inc |
|
2 / 15 page ![]() Page 2 March 2001 TOKO, Inc. TK715xxAS ABSOLUTE MAXIMUM RATINGS (V OUT£ 5.0 V) Supply Voltage ............................................. -0.4 to 19 V Power Dissipation (Note 1) ................................ 400 mW Reverse Bias ............................................................. 8 V Short Circuit Current ........................................... 170 mA Storage Temperature (Ambient) .............. -55 to +150 °C Operating Temperature (Ambient) ............ -30 to +80 °C Max. Operating Temperature (Junction) ............. 125 °C Operating Voltage Range ........................... 1.8 to 18.0 V Junction Temperature ......................................... 150 °C Lead Soldering Temperature (10 s) ..................... 235 °C TK715xx ELECTRICAL CHARACTERISTICS (V OUT £ 5.0 V) Test conditions: V IN = VOUT(TYP) + 1V, TA = 25 °C, unless otherwise specified. Note 1: Power dissipation is 400 mW when mounted as recommended. Derate at 3.2 mW/°C for operation above 25 °C. Note 2: Refer to “Definition of Terms.” Note 3: Please refer to the Applications Section for more information. Note 4: Ripple rejection is measured at V R = 200 mVrms, VIN = VOUT(TYP) + 2 V, IOUT = 10 mA, CL = 2.2 µF, f = 100 Hz. Note 5: The minimum operating voltage for V IN can be 1.8 V. Also, the minimum voltage required for VIN is VIN = VDROP + VOUT. As a result, operating at V OUT £ 2.0 V at the minimum input operating voltage is not preferred. Gen. Note: Parameters with min. or max. values are 100% tested at T A = 25 °C. L O B M Y SR E T E M A R A PS N O I T I D N O C T S E TN I MP Y TX A MS T I N U I Q t n e r r u C t n e c s e i u QI T U O A m 0 =5 25 4A µ I D N G t n e r r u C n i P d n u o r GI T U O A m 5 1 =0 0 30 0 5A µ V T U O e g a tl o V t u p t u OI T U O A m 5 =1 e l b a T e e SV g e R e n i Ln o it a l u g e R e n i LV N I V = ) P Y T ( T U O V o t V 1 + ) P Y T ( T U O V 6 +3 2 1V m g e R d a o Ln o it a l u g e R d a o LI T U O ) 2 e t o N ( , A m 0 0 1 o t 5 =8 16 3V m V P O R D ) 5 e t o N ( e g a tl o V t u o p o r D I T U O A m 0 5 =5 0 1 . 08 1 . 0V I T U O V 4 . 2 , A m 0 0 1 = £ V T U O £ V 0 . 56 1 . 08 2 . 0V I T U O V 1 . 2 , A m 0 0 1 = £ V T U O £ V 4 . 26 1 . 00 3 . 0V I ) X A M ( T U O t n e r r u C t u p t u O s u o u n it n o C 5 1 15 5 1 A m 8 . 1 V £ V n i £ ) 3 e t o N ( V 1 . 2 0 70 9 R Rn o it c e j e R e l p p i R) 4 e t o N (0 6B d ∆V T U O / ∆T t n e i c if f e o C e r u t a r e p m e TI T U O A m 5 =0 3C ° / m p p |