Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TK71546ASCL/46 Arkusz danych(PDF) 7 Page - TOKO, Inc

Numer części TK71546ASCL/46
Szczegółowy opis  LOW DROPOUT VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOKO [TOKO, Inc]
Strona internetowa  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71546ASCL/46 Arkusz danych(HTML) 7 Page - TOKO, Inc

Back Button TK71546ASCL/46 Datasheet HTML 3Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 4Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 5Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 6Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 7Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 8Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 9Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 10Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 11Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
March 2001 TOKO, Inc.
Page 7
TK715xxAS
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.
Output Noise
Load & Line Response
CL
1.0 µF
2.2 µF
4.7 µF
10 µF
VOUT
VIN
0.1 µF
GND
(TANTALUM)
715xxA
OUTPUT NOISE CIRCUIT
Note: To improve the load and line transient response, increase the value of the output capacitor.
100
250
NOISE LEVEL (TK71530A) VS.
OUTPUT CURRENT
IOUT (mA)
50
1.0
5.0
10
200
150
0
BW = 400 Hz~80 KHz
CL = 10 µF
CL = 4.7 µF
CL = 2.2 µF
CL = 1 µF
LINE VOLTAGE STEP RESPONSE
I
OUT
= 10mA
VIN
VOUT
VOUT + 2V
VOUT + 1V
50 mV/DIV
CL = 1.0 µF
25
µS/DIV
LOAD CURRENT
STEP RESPONSE
IOUT
VOUT
50 mA
50 mV/DIV
5 mA
CL = 1.0 µF
25
µS/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com