| Zakładka z wyszukiwarką danych komponentów |
|
TK71616ASCL Arkusz danych(PDF) 2 Page - TOKO, Inc |
|
|
|||||||||||||||||||||||||||||
TK71616ASCL Arkusz danych(HTML) 2 Page - TOKO, Inc |
|
2 / 20 page ![]() Page 2 December 1999 TOKO, Inc. TK716xx ABSOLUTE MAXIMUM RATINGS Supply Voltage ......................................................... 16 V Power Dissipation (Note 1) ................................ 500 mW Reverse Bias Voltage ................................................. 6 V Control Terminal Voltage ......................................... 12 V Noise Bypass Terminal Voltage ................................. 5 V Operating Voltage Range ............................... 1.8 to 12 V Storage Temperature Range ................... -55 to +150 °C Operating Temperature (Ambient) Range TK716xx SCL, TK716xx SCLH ............ -30 to +80 °C TK716xx SIL .......................................... -40 to +85 °C Junction Temperature (Operating) ........................ 125 °C Junction Temperature (Shutdown) ........................ 150 °C Lead Soldering Temperature (10 s) ...................... 235 °C TK716xx SCL AND TK716xx SCLH ELECTRICAL CHARACTERISTICS Test conditions: V IN = VOUT(TYP) + 1 V, TA = 25 °C, unless otherwise specified. Note 1: Power dissipation is 500 mW when mounted as recommended. Derate at 4.0 mW/ °C for operation above 25 °C. Gen Note: Exceeding the “Absolute Maximum Ratings” may damage the device. Gen Note: Parameters with min. or max. values are 100% tested at T A = 25 °C. Gen Note: Ripple rejection is @ 60 dB when f = 400 Hz, C L = 10 µF, CN = 0.1 µF, input noise = 100 mVrms, VIN = VOUT(TYP) + 1.5 V and IOUT = 30 mA. Gen Note: Output noise is 0.13 ~ 0.23 µV/ Hz at 1 kHz when C N = 0.1 µF. L O B M Y SR E T E M A R A PS N O I T I D N O C T S E TN I MP Y TX A MS T I N U I Q t n e r r u C t n e c s e i u QI T U O I g n i d u l c x E , A m 0 = T N O C 0 70 0 1A µ I Y B T S t n e r r u C y b d n a t SV N I , V 8 =V ( F F O t u p t u O T N O C ≤ ) V 5 1 . 01 . 0A µ I V E R t n e r r u C s a i B e s r e v e RV N I , V 0 =V V E R F F O t u p t u O , V 5 =1 0 5A n I D N G t n e r r u C n i P D N GI T U O A m 0 5 =1 8 . 1A m I T U O t n e r r u C t u p t u O s u o u n i t n o C 0 5 1A m I ) E S L U P ( T U O t n e r r u C t u p t u O e s l u P% 0 4 = e l c y C y t u D , e s l u p s m 0 10 0 2A m V T U O e g a t l o V t u p t u OV N I V = ) P Y T ( T U O , V 1 +I T U O A m 5 =2 d n a 1 e l b a T e e SV ∆V T U O / ∆T e r u t a r e p m e Tt n e i c i f f e o C0 2C ° / m p p g e R e n i Ln o i t a l u g e R e n i LV N I V = ) P Y T ( T U O V o t V 1 + ) P Y T ( T U O V 6 +2 5 1V m g e R d a o Ln o i t a l u g e R d a o L I < A m 1 T U O A m 0 5 <4 8 1V m I < A m 1 T U O A m 0 0 1 <7 8 2V m I < A m 1 T U O A m 0 5 1 <2 10 5V m V P O R D e g a t l o V t u o p o r D I T U O A m 0 5 =0 90 6 1V m I T U O A m 0 0 1 =0 4 10 3 2V m I T U O A m 0 5 1 = V T U O ≥ V 4 . 20 0 20 0 3V m V T U O V 4 . 2 <0 0 20 5 3V m V f e r l a n i m r e T s s a p y B e s i o N e g a t l o V 6 2 . 1V S N O I T A C I F I C E P S L A N I M R E T L O R T N O C I T N O C t n e r r u C l o r t n o CV T U O , V 6 . 1 =N O t u p t u O0 1A µ V ) N O ( T N O C N O e g a t l o V l o r t n o CN O t u p t u O6 . 1V V ) F F O ( T N O C F F O e g a t l o V l o r t n o CF F O t u p t u O6 . 0V |