Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TK71546SCL/46 Arkusz danych(PDF) 13 Page - TOKO, Inc

Numer części TK71546SCL/46
Szczegółowy opis  LOW DROPOUT VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOKO [TOKO, Inc]
Strona internetowa  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71546SCL/46 Arkusz danych(HTML) 13 Page - TOKO, Inc

Back Button TK71546SCL/46 Datasheet HTML 5Page - TOKO, Inc TK71546SCL/46 Datasheet HTML 6Page - TOKO, Inc TK71546SCL/46 Datasheet HTML 7Page - TOKO, Inc TK71546SCL/46 Datasheet HTML 8Page - TOKO, Inc TK71546SCL/46 Datasheet HTML 9Page - TOKO, Inc TK71546SCL/46 Datasheet HTML 10Page - TOKO, Inc TK71546SCL/46 Datasheet HTML 11Page - TOKO, Inc TK71546SCL/46 Datasheet HTML 12Page - TOKO, Inc TK71546SCL/46 Datasheet HTML 13Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
January 1999 TOKO, Inc.
Page 13
TK715xx
Marking Information
Product Code
T
Voltage Code
TK71519S
19
TK71520S
20
TK71521S
21
TK71522S
22
TK71523S
23
TK71524S
24
TK71525S
25
TK71526S
26
TK71527S
27
TK71528S
28
TK71529S
29
TK71530S
30
TK71531S
31
TK71532S
32
TK71533S
33
TK71534S
34
TK71535S
35
TK71536S
36
TK71537S
37
TK71538S
38
TK71539S
39
TK71540S
40
TK71541S
41
TK71542S
42
TK71543S
43
TK71544S
44
TK71545S
45
TK71546S
46
TK71547S
47
TK71548S
48
TK71549S
49
TK71550S
50
TK71560S
60
TK71570S
70
TK71580S
80
TK71590S
90
Marking
Voltage Code
Product Code
2.9
Dimensions are shown in millimeters
Tolerance: x.x =
± 0.2 mm (unless otherwise specified)
0.1
2.8
+ 0.3
1.6
(0.4)
Recommended Mounting Pad
0.7
1.90
0.95
0.95
e1
e
e
3
1
2
0.95
0.95
e
e
C1
0.1
0.4
+ 0.1
SOT-23-3
PACKAGE OUTLINE
Printed in the USA
© 1999 Toko, Inc.
All Rights Reserved
TOKO AMERICA REGIONAL OFFICES
Toko America, Inc. Headquarters
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070
Fax: (847) 699-7864
IC-xxx-TK715xx
0798O0.0K
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its
products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of
third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Western Regional Office
Toko America, Inc.
2480 North First Street , Suite 260
San Jose, CA 95131
Tel: (408) 432-8281
Fax: (408) 943-9790
Midwest Regional Office
Toko America, Inc.
1250 Feehanville Drive
Mount Prospect, IL 60056
Tel: (847) 297-0070
Fax: (847) 699-7864
Eastern Regional Office
Toko America, Inc.
107 Mill Plain Road
Danbury, CT 06811
Tel: (203) 748-6871
Fax: (203) 797-1223
Semiconductor Technical Support
Toko Design Center
4755 Forge Road
Colorado Springs, CO 80907
Tel: (719) 528-2200
Fax: (719) 528-2375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com