| Zakładka z wyszukiwarką danych komponentów |
|
443FS010NF22 Arkusz danych(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
443FS010NF22 Arkusz danych(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 443 - Page 7 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 See inside back cover fold-out or pages 13 and 14 for Tables I and II. 1. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. (Function S only). 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. When using Connector Designator B refer to pages 18 and 19 for part number development. 6. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Catalog for installation. TABLE X: CABLE ENTRY Clamp Size 04 06 08 10 12 16 20 24 28 Min .125 (3.2) .250 (6.4) .387 (9.8) .350 (8.9) .500 (12.7) .625 (15.9) .875 (22.2) 1.000 (25.4) 1.250 (31.8) Max .312 (7.9) .437 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .937 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) V Max .957 (24.3) 1.145 (29.1) 1.332 (33.8) 1.332 (33.8) 1.551 (39.4) 1.770 (45.0) 2.113 (53.7) 2.363 (60.0) 2.770 (70.4) Cable Range T Max .780 (19.8) .780 (19.8) .780 (19.8) .780 (19.8) .811 (20.6) .905 (23.0) 1.092 (27.7) 1.124 (28.5) 1.399 (35.5) Z Max .630 (16.0) .755 (19.2) .942 (23.9) 1.067 (27.1) 1.192 (30.3) 1.380 (35.1) 1.535 (39.0) 1.848 (46.9) 2.255 (57.3) 2.505 (63.6) Max .250 (6.4) .312 (7.9) .438 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .938 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) Clamp Size 03* 04* 06* 08 10 12 16 20 24 28 X Max .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) 1.073 (27.3) 1.323 (33.6) 1.323 (33.6) 1.572 (39.9) Min ** .156 (4.0) .188 (4.8) .281 (7.1) .387 (9.8) .375 (9.5) .438 (11.1) .625 (15.9) .875 (22.2) 1.000 (25.4) 1.250 (31.8) Y Max .843 (21.4) .906 (23.0) 1.093 (27.8) 1.187 (30.1) 1.281 (32.5) 1.500 (38.1) 1.719 (43.7) 2.062 (52.4) 2.312 (58.7) 2.719 (69.1) Cable Range * Not available in Style M clamp. ** Not Applicable Style D W Max .437 (11.1) .437 (11.1) .500 (12.7) .563 (14.3) .563 (14.3) .563 (14.3) .656 (16.7) .656 (16.7) .656 (16.7) 1.188 (30.2) TABLE XI: CABLE ENTRY Dash No. 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 20 22 24 K Dia .125 (3.2) .188 (4.8) .250 (6.4) .312 (7.9) .375 (9.5) .438 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .688 (17.5) .750 (19.1) .812 (20.6) .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) Clamp Size 03 03 03 04 06 06 08 10 10 12 12 16 16 16 20 20 20 20 24 28 TABLE V: CABLE ENTRY TABLE IV: ELBOW DIMENSIONS G Max .810 (20.6) .870 (22.1) .870 (22.1) .980 (24.9) 1.020 (25.9) 1.080 (27.4) 1.480 (37.6) 1.480 (37.6) 1.610 (40.9) H Max 1.550 (39.4) 1.610 (40.9) 1.610 (40.9) 1.740 (44.2) 1.760 (44.7) 1.820 (46.2) 2.210 (56.1) 2.210 (56.1) 2.300 (58.4) E Max .664 (16.9) .688 (17.5) .688 (17.5) .732 (18.6) .748 (19.0) .773 (19.6) 1.041 (26.4) 1.041 (26.4) 1.092 (27.7) Elbow Size 04 06 08 10 12 16 20 24 28 F Max 1.410 (35.8) 1.430 (36.3) 1.430 (36.3) 1.480 (37.6) 1.490 (37.8) 1.510 (38.4) 1.750 (44.5) 1.750 (44.5) 1.790 (45.5) 443-010 EMI/RFI Cable Sealing Backshell Band-in-a-Can with Strain-Relief Direct Coupling - Standard Profile Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40 A-E-F J-H-L-S 1.180 (30.0) 1.180 (30.0) 1.180 (30.0) 1.180 (30.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.610 (40.9) 1.610 (40.9) 1.610 (40.9) 1.610 (40.9) D-B-G-K 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.750 (44.5) 1.750 (44.5) 2.190 (55.6) J Max - Conn. Designator TABLE III: FRONT ADAPTER C 1.735 (44.1) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) Rev. 20-AUG-2008 |