Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS8S512K32PEC-20/IT Arkusz danych(PDF) 3 Page - Austin Semiconductor

Numer części AS8S512K32PEC-20/IT
Szczegółowy opis  16Mb, 512Kx32 CMOS 5.0V, High Speed Static RAM Integrated Plastic Encapsulated Microcircuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUSTIN [Austin Semiconductor]
Strona internetowa  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8S512K32PEC-20/IT Arkusz danych(HTML) 3 Page - Austin Semiconductor

  AS8S512K32PEC-20/IT Datasheet HTML 1Page - Austin Semiconductor AS8S512K32PEC-20/IT Datasheet HTML 2Page - Austin Semiconductor AS8S512K32PEC-20/IT Datasheet HTML 3Page - Austin Semiconductor AS8S512K32PEC-20/IT Datasheet HTML 4Page - Austin Semiconductor AS8S512K32PEC-20/IT Datasheet HTML 5Page - Austin Semiconductor AS8S512K32PEC-20/IT Datasheet HTML 6Page - Austin Semiconductor AS8S512K32PEC-20/IT Datasheet HTML 7Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
16 MB ASYNC SRAM
16 MB ASYNC SRAM
16 MB ASYNC SRAM
16 MB ASYNC SRAM
16 MB ASYNC SRAM
AS8S512K32PEC
AS8S512K32PEC
Rev. 0.1 01/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
AC CHARACTERISTICS READ CYCLE
JEDEC
Alt.
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
12
15
20
25
ns
Address Access Time
tAVQV
tAA
12
15
20
25
ns
Chip Enable Access
tELQV
tACS
12
15
20
25
ns
Chip Enable to Output in Low Z
tELQX
tCLZ
3333
ns
Chip Disable to Output in High Z
tEHQZ
tCHZ
6799
ns
Output Hold from Address Change
tAVQX
tOH
3333
ns
Output Enable to Output Valid
tGLQV
tOE
6799
ns
Output Enable to Output in Low Z
tGLQX
tOLZ
0000
ns
Output Enable to Output in High Z
tGHQZ
tOHZ
6799
ns
25ns
Units
Parameter
Symbol
12ns
15ns
20ns
READ CYCLE 1 - W
\ HIGH, G\, E\ LOW
ADDRESS 1
ADDRESS 2
tAVAV
DATA 1
DATA 2
tAVQV
tAVQX
A
Q
READ CYCLE 2 - W
\ HIGH
t GHQZ
tELQV
tELQX
E#
G#
Q
tEHQZ
A
tAVAV
tGLQV
tGLQX
tAVQV



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com