Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS28F128J3M Arkusz danych(PDF) 3 Page - Austin Semiconductor

Numer części AS28F128J3M
Szczegółowy opis  Plastic Encapsulated Microcircuit 128Mb, x8 and x16 Q-FLASH Memory Even Sectored, Single Bit per Cell Architecture
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUSTIN [Austin Semiconductor]
Strona internetowa  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS28F128J3M Arkusz danych(HTML) 3 Page - Austin Semiconductor

  AS28F128J3M Datasheet HTML 1Page - Austin Semiconductor AS28F128J3M Datasheet HTML 2Page - Austin Semiconductor AS28F128J3M Datasheet HTML 3Page - Austin Semiconductor AS28F128J3M Datasheet HTML 4Page - Austin Semiconductor AS28F128J3M Datasheet HTML 5Page - Austin Semiconductor AS28F128J3M Datasheet HTML 6Page - Austin Semiconductor AS28F128J3M Datasheet HTML 7Page - Austin Semiconductor AS28F128J3M Datasheet HTML 8Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AS28F128J3MRG
Austin Semiconductor, Inc. reserves the right to change products or modify product specifications with appropriate notification
Revision 5.0 11/23/04
For Additional Products and Information visit out Web site at
www.austinsemiconductor.com
3
PEM
AS28F128J3M
Austin Semiconductor, Inc.
Q-Flash
Signal Name
Symbol
Type
Pin
Description
Address
A0, A1, A2. A3,
Input
32,28,27,26,
Address Inputs during READ and WRITE Operations. A0 is only
A4, A5, A6, A7
25,24,23,22,
used in x8 mode and will be a NC in x16 mode.
A8, A9, A10, A11
20,19,18,17,
A12,A13,A14,A15
13,12,11,10,
A16,A17,A18,A19
8,7,6,5,
A20,A21,A22,A23
4,3,1,30
Chip Enables
CE0, CE1, CE2
Input
14,2,29
Three Chip Enable pins for Multiple devices. See chart for function
Write Enable
WE\
Input
55
Write Control
Reset/Power-Down
RP\
Input
16
Reset/Power-Down, When Low the control pin resets the status Reg.
and ISM to array READ mode.
Output Enable
OE\
Input
54
Ouput Enable control enable data output buffers when Low, and when
High the output buffers are disabled
Byte Mode Control
BYTE\
Input
31
Configuration Control pin. When High the device is in x16 mode, when
Low the device is in Byte mode (x8)
Programming Voltage
VPEN
Input
15
Necessary Voltage pin for Programming, Erasing or configuring lock
bits. Typically connected to VCC. When VPEN</=VPENLK, this
enables Hardware Write Protect.
Status Pin/Flag
STS
Output
53
Indicates the status of the ISM. When configured in level mode, STS
acts as a RY/BY\ pin. When configured in its pulse mode, it can
pulse to indicate PROGRAM and or ERASE completion.
Input/Output Voltage
VCCQ
Supply
43
Separate/Isolated Voltage supply for Input/Output bus. Allows
voltage matching to different interface standards.
Supply Voltage
VCC
Supply
9, 37
Power Supply: 2.7V - 3.6V
Digital Ground
GND
Supply
21, 42, 48
Ground
No Connect(s)
NC
-
1, 30, 56
No electrical connection or function
Capacitance
Parameter/Condition
Symbol
Typ
Max
Units
Input Capacitance
Cin
5
8
pF
Output Capacitance
Cbyte
14
16
pF
Cout
5
12
pF
Three Chip Enable (CEx) pins are used for enabling and disabling
the device by activating the device’s control logic, input buffer,
decoders, and sense amplifiers.
BYTE\ enables the device to be used in x8 or x16 configuration.
Byte=Low (logic 0) selects and 8-bit mode with address zero (A0)
selecting the High or Low Byte and Byte=High (logic 1) selects
the 16-bit or Word mode. When the device is in Word mode,
address one (A1) becomes the low order address bit and address
zero (A0) becomes a no-connect (NC).
RP\ is used to reset the device. When the device is disabled and
RP\ is at VCC, the STANDBY mode is enabled. A reset time
(tRWH) is required after RP\ switches to a High (logic 1) and the
outputs become valid. Likewise, the device has a wake time (tRS)
from RP\ High until WRITES to the Command User Interface
[CUI] are recognized, RESETS the ISM and clears the status
register.
Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions greater than those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum conditions for any duration or segment of time may affect
device reliability.
Pin Description Table:
Chip Enable Truth Table
CE2
CE1
CE0
Device
VIL
VIL
VIL
Enabled
VIL
VIL
VIH
Disabled
VIL
VIH
VIL
Disabled
VIL
VIH
VIH
Disabled
VIH
VIL
VIL
Enabled
VIH
VIL
VIH
Enabled
VIH
VIH
VIL
Enabled
VIH
VIH
VIH
Disabled
Absolute Maximum Ratings
Voltage
Min
Max
Units
Notes
Temperature under
-55
125
0C
Bias
Storage Temperature
-65
125
0C
For VCCQ=2.7v to 3.6v
-2
5
V
Voltage on any pin
Short Circuit Current
100
mA
1
Notes
1: All specified voltages are with respect to GND. Minimum DC
voltage is -0.5v on input/output pins and -0.2v on Vcc and VPEN
pins. During transitions, this level may undershoot to -2.0v for
periods </= 20ns. Maximum DC voltage on input/output pins,
Vcc and VPEN is VCC+0.5V which, during transitions, may
overshoot to Vcc + 2.0v for periods <20ns.



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com