Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS29F040F-70/XT Arkusz danych(PDF) 20 Page - Austin Semiconductor

Numer części AS29F040F-70/XT
Szczegółowy opis  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUSTIN [Austin Semiconductor]
Strona internetowa  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040F-70/XT Arkusz danych(HTML) 20 Page - Austin Semiconductor

Back Button AS29F040F-70/XT Datasheet HTML 16Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 17Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 18Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 19Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 20Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 21Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 22Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 23Page - Austin Semiconductor AS29F040F-70/XT Datasheet HTML 24Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
20
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
FIGURE 14: AC CHARACTERISTICS, Alternate CE\ Controlled Write
Operation Timings
NOTES:
1. PA = Program Address, PD = Program Data, SA = Sector Address, DQ7\ = Complement of Data Input, D
OUT
= Array Data.
2. Figure indicates the last two bus cycles of the command sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com