Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS58C1001F-15/IT Arkusz danych(PDF) 9 Page - Austin Semiconductor

Numer części AS58C1001F-15/IT
Szczegółowy opis  128K x 8 EEPROM EEPROM Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUSTIN [Austin Semiconductor]
Strona internetowa  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001F-15/IT Arkusz danych(HTML) 9 Page - Austin Semiconductor

Back Button AS58C1001F-15/IT Datasheet HTML 5Page - Austin Semiconductor AS58C1001F-15/IT Datasheet HTML 6Page - Austin Semiconductor AS58C1001F-15/IT Datasheet HTML 7Page - Austin Semiconductor AS58C1001F-15/IT Datasheet HTML 8Page - Austin Semiconductor AS58C1001F-15/IT Datasheet HTML 9Page - Austin Semiconductor AS58C1001F-15/IT Datasheet HTML 10Page - Austin Semiconductor AS58C1001F-15/IT Datasheet HTML 11Page - Austin Semiconductor AS58C1001F-15/IT Datasheet HTML 12Page - Austin Semiconductor AS58C1001F-15/IT Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS58C1001
AS58C1001
Rev. 5.5 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
9
Austin Semiconductor, Inc.
READ TIMING WAVEFORM
SOFTWARE DATA PROTECTION TIMING WAVEFORM (protection mode)
t
WC
t
BLC
Write Address
Write Data
5555
A0
AAAA
or
2AAA
55
5555
AA
Address
Data
Vcc
CE\
WE\
SOFTWARE DATA PROTECTION TIMING WAVEFORM (non-protection mode)
t
WC
5555
80
AAAA
or
2AAA
55
5555
AA
Address
Data
Vcc
CE\
WE\
Normal active
mode
5555
AA
5555
20
AAAA
or
2AAA
55
Address
Data Out Valid
High-Z
t
ACC
t
CE
t
OE
t
OH
t
DF
t
RR
t
DFR
CE\
OE\
WE\
Data Out
RES\



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com