| Zakładka z wyszukiwarką danych komponentów |
|
AS117TO39/XT Arkusz danych(PDF) 7 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS117TO39/XT Arkusz danych(HTML) 7 Page - Austin Semiconductor |
|
7 / 11 page ![]() POS POS POS POS POS Adj Adj Adj Adj Adj V V V V Volta olta olta olta oltagggggeeeee R R R R Reeeeegula gula gula gula gulator tor tor tor tor AS117 RAD-TOL AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 7 AS117 RAD-TOL Rev. 1.1 06/05 Austin Semiconductor, Inc. PRELIMINARY SPECIFICATION Schematic Diagram NOTE 1: Pre and Post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post Radiation Limits Table. These parts may be dose rate sensitive in a space environement and demonstrate ehnaced low dose rate effect. Radiation end point limits fro the noted parameters are guaranteed only for the conditions as specified in MIL-STD-883, Method 1019.5, Cond A. NOTE 2: Tested at TA = 125C, correlated to TA = 150C. |