| Zakładka z wyszukiwarką danych komponentów |
|
AD9547/PCBZ Arkusz danych(PDF) 68 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9547/PCBZ Arkusz danych(HTML) 68 Page - Analog Devices |
|
68 / 104 page ![]() AD9547 Rev. 0 | Page 68 of 104 SYSTEM CLOCK (SYSCLK) (REGISTER 0x0100 TO REGISTER 0x0108) Table 43. Charge Pump and Lock Detect Control Address Bit Bit Name Description 0x0100 7 External loop filter enable Enables use of an external SYSCLK PLL loop filter. 0 (default) = internal loop filter. 1 = external loop filter. 6 Charge pump mode Charge pump current control. 0 (default) = automatic. 1 = manual. [5:3] Charge pump current Selects charge pump current when Bit 6 = 1. 000 = 125 μA. 001 = 250 μA. 010 = 375 μA. 011 (default) = 500 μA. 100 = 625 μA. 101 = 750 μA. 110 = 875 μA. 111 = 1000 μA. 2 Lock detect timer disable Enable the SYSCLK PLL lock detect timer. 0 (default) = enable. 1 = disable. [1:0] Lock detect timer Select lock detect timer depth. 00 (default) = 128. 01 = 256. 10 = 512. 11 = 1024. Table 44. N Divider Address Bit Bit Name Description 0x0101 [7:0] N divider System clock PLL feedback divider value: 6 ≤ N ≤ 255 (default = 0x28 = 40). Table 45. System Clock Input Options Address Bit Bit Name Description 0x0102 7 Unused Unused. 6 M divider reset Reset the M divider. 0 = normal operation. 1 (default) = reset. When not using the M divider, program this bit to Logic 1. [5:4] M divider System clock input divider. 00 (default) = 1. 01 = 2. 10 = 4. 11 = 8. 3 2× frequency multiplier enable Enable the 2× frequency multiplier. 0 (default) = disable. 1 = enable. 2 PLL enable Enable the SYSCLK PLL. 0 = disable. 1 (default) = enable. [1:0] SYSCLK source Input mode select for SYSCLKx pins. 00 = crystal resonator. 01 (default) = low frequency clock source. 10 = high frequency (direct) clock source. 11 = input receiver power-down. |