Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA2818C Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części CA2818C
Szczegółowy opis  18.5 dB 0.35-400 MHz 1000 mWATT WIDEBAND LINEAR AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CA2818C Arkusz danych(HTML) 1 Page - Motorola, Inc

  CA2818C Datasheet HTML 1Page - Motorola, Inc CA2818C Datasheet HTML 2Page - Motorola, Inc CA2818C Datasheet HTML 3Page - Motorola, Inc CA2818C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
CA2818C
MOTOROLA RF DEVICE DATA
The RF Line
Wideband Linear Amplifier
Designed for amplifier applications in 50 to 100 ohm systems requiring wide
bandwidth, low noise and low distortion. This hybrid provides excellent gain
stability with temperature and linear amplification as a result of the push–pull
circuit design.
• Specified Characteristics at VCC = 24 V, TC = 25°C:
Frequency Range — 0.35 to 400 MHz
Output Power — 1000 mW Typ @ 1 dB Compression, f = 200 MHz
Power Gain — 18.5 dB Typ @ f = 50 MHz
PEP — 1000 mW Typ @ – 32 dB IMD, f = 200 MHz
Noise Figure — 5 dB Typ @ f = 200 MHz
ITO — 47 dBm Typ @ f = 150 MHz
• All Gold Metallization for Improved Reliability
• Unconditional Stability Under All Load Conditions
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VCC
28
Vdc
RF Power Input
Pin
+14
dBm
Operating Case Temperature Range
TC
– 20 to +100
°C
Storage Temperature Range
Tstg
– 40 to +100
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C, VCC = 24 V, 50 Ω system unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
0.35
400
MHz
Gain Flatness (f = 0.35– 400 MHz)
FL
±0.5
±1
dB
Power Gain (f = 50 MHz)
PG
17.75
18.5
19.25
dB
Noise Figure, Broadband (f = 200 MHz)
NF
5
6
dB
Power Output — 1 dB Compression (f = 200 MHz)
Po 1dB
800
1000
mW
Third Order Intercept (See Figure 10, f1 = 200 MHz)
ITO
43
45
dBm
Input/Output VSWR (f = 0.35– 400 MHz)
VSWR
1.7:1
2:1
Second Harmonic Distortion (Po = 100 mW) f2H = 0.35 – 200 MHz
f2H = 200– 400 MHz
dso
– 65
– 60
– 50
dB
Peak Envelope Power (Two Tone Distortion Test — See Figure 10)
f = 0.35 – 200 MHz @ – 32 dB IMD
f = 200 – 400 MHz @ – 32 dB IMD
PEP
600
800
mW
Supply Current
ICC
190
205
220
mA
Order this document
by CA2818C/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
CA2818C
18.5 dB
0.35 – 400 MHz
1000 mWATT
WIDEBAND
LINEAR AMPLIFIER
CASE 714F–03, STYLE 1
[CA (POS. SUPPLY)]
© Motorola, Inc. 1995
REV 1


Podobny numer części - CA2818C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
CA2810 MOTOROLA-CA2810 Datasheet
112Kb / 4P
34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
CA2810C MOTOROLA-CA2810C Datasheet
112Kb / 4P
34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
logo
NXP Semiconductors
CA2810C NXP-CA2810C Datasheet
260Kb / 4P
The RF Line Wideband Linear Amplifier
More results

Podobny opis - CA2818C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
CA2810C MOTOROLA-CA2810C Datasheet
112Kb / 4P
34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
CA2830C MOTOROLA-CA2830C Datasheet
77Kb / 4P
34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
CA2842C MOTOROLA-CA2842C Datasheet
126Kb / 4P
22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
BGY885A_2015 JMNIC-BGY885A_2015 Datasheet
67Kb / 12P
860 MHz, 18.5 dB push-pull amplifier
BGY1085A_2015 JMNIC-BGY1085A_2015 Datasheet
56Kb / 8P
1000 MHz, 18.5 dB gain push-pull amplifier
BGY885A JMNIC-BGY885A_15 Datasheet
67Kb / 12P
860 MHz, 18.5 dB push-pull amplifier
BGY1085A JMNIC-BGY1085A_15 Datasheet
56Kb / 8P
1000 MHz, 18.5 dB gain push-pull amplifier
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com