| Zakładka z wyszukiwarką danych komponentów |
|
MPC89x53AF Arkusz danych(PDF) 31 Page - Megawin Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
MPC89x53AF Arkusz danych(HTML) 31 Page - Megawin Technology Co., Ltd |
|
31 / 38 page ![]() which disables flash-writing authority, set SWBS 0, and trigger a software reset. After that, the system will be reset (not powered-up), and the system will refer to SWBS to startup from AP program entrance. For power-up procedure, the HWBS will be referred to decide the program entrance, but for software reset, SWBS will be referred to. Switch to the ISP program from AP program The device also permits the user program switches directly to the ISP program. Just program an instruction in the AP program as ISPCR ← x11xxxxx b which sets SWBS 1 to direct the device boot from AP program, and trigger a software reset. After that, the system will be reset (not powered-up), and the system will refer to SWBS to startup from ISP program entrance. MEGAWIN MPC89x53A Data Sheet 31 |