| Zakładka z wyszukiwarką danych komponentów |
|
MPC89E58AP Arkusz danych(PDF) 21 Page - Megawin Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
MPC89E58AP Arkusz danych(HTML) 21 Page - Megawin Technology Co., Ltd |
|
21 / 36 page ![]() MEGAWIN MPC89E58A Technical Summary 21 All of the bits that generate interrupts can be set or cleared by software, with the same result as though it had been set or cleared by hardware. In other words, interrupts can be generated or pending interrupts can be canceled in software. The following content describes several SFR related to interrupt mechanism. SFR: IE (Interrupt Enabling): Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0 EA ET2 ES ET1 EX1 ET0 EX0 EA: Global disables all interrupts when cleared. ET2: When set, enables Timer2 interrupt. ES: When set, enables the serial port interrupt. ET1: When set, enables Timer1 interrupt. EX1: When set, enables external interrupt 1. ET0: When set, enables Timer 0 interrupt. EX0: When set, enables external interrupt 0. SFR: IP (Interrupt Priority Low): Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0 - - PT2 PS PT1 PX1 PT0 PX0 PT2: If set, Set priority for timer2 interrupt higher PS: If set, Set priority for serial port interrupt higher PT1: If set, Set priority for timer1 interrupt higher PX1: If set, Set priority for external interrupt 1 higher PT0: If set, Set priority for timer0 interrupt higher PX0: If set, Set priority for external interrupt 0 higher SFR: IPH (Interrupt Priority High): Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0 PX3H PX2H PT2H PSH PT1H PX1H PT0H PX0H PX3H: If set, Set priority for external interrupt 3 highest PX2H: If set, Set priority for external interrupt 2 highest PT2H: If set, Set priority for timer2 interrupt highest PSH: If set, Set priority for serial port interrupt highest PT1H: If set, Set priority for timer1 interrupt highest PX1H: If set, Set priority for external interrupt 1 highest PT0H: If set, Set priority for timer0 interrupt highest PX0H: If set, Set priority for external interrupt 0 highest |