Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A1212 Arkusz danych(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Numer części A1212
Szczegółowy opis  Cascadable Amplifier 100 to 1200 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A1212 Arkusz danych(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A1212 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A1212 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
100 to 1200 MHz
Rev. V3
A1212 / SMA1212
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +5 VDC
Parameter
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
GHz
0.1-1.2
0.1-1.2
0.1-1.2
Small Signal Gain (min)
dB
14.0
12.5
11.5
Gain Flatness (max)
dB
±0.6
±1.0
±1.2
Reverse Isolation
dB
23
Noise Figure (max)
dB
1.8
2.3
2.7
Power Output
@ 1 dB comp. (min)
dBm
19.0
17.0
16.0
IP3
dBm
+29
IP2
dBm
+40
Second Order Harmonic IP
dBm
+46
VSWR Input / Output (max)
1.8:1 / 1.8:1
2.1:1 / 2.1:1
2.3:1 / 2.3:1
DC Current @ 5 Volts (max)
mA
70
75
85
Units
Features
• VERY LOW NOISE: 1.8 dB (TYP.)
• HIGH OUTPUT POWER: +19 dBm (TYP.)
• HIGH POWER ADDED EFFICIENCY: 20%
Description
The A1212 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This feedback amplifier design uses 2 GaAs FET transistors
In parallel, and displays impressive performance
characteristics over a broadband frequency range.
An RF choke is used for DC power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A1212
TO-8
SMA1212
Surface Mount
CA1212 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+8 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +5 VDC
Parameter
Rating
Thermal Resistance θjc
182ºC/W
Transistor Power Dissipation Pd
0.147W
Junction Temperature Rise
Above Case Tjc
+26ºC
* Over temperature performance limits for part number CA1212, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Podobny numer części - A1212

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
A1212 MACOM-A1212 Datasheet
109Kb / 1P
100 TO 1200 MHz CASCADABLE AMPLIFIER
logo
Allegro MicroSystems
A1212 ALLEGRO-A1212 Datasheet
443Kb / 12P
Continuous-Time Latch Family
logo
Tyco Electronics
A1212 MACOM-A1212 Datasheet
386Kb / 2P
Cascadable Amplifier 100 to 1200 MHz
logo
Allegro MicroSystems
A1212 ALLEGRO-A1212 Datasheet
292Kb / 14P
Continuous-Time Latch Family
logo
M/A-COM Technology Solu...
A1212 MA-COM-A1212 Datasheet
730Kb / 5P
Cascadable Amplifier 100 - 1200 MHz
More results

Podobny opis - A1212

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
111Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A1212 MACOM-A1212 Datasheet
109Kb / 1P
100 TO 1200 MHz CASCADABLE AMPLIFIER
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
5 TO 1200 MHz CASCADABLE AMPLIFIER
A64 MACOM-A64 Datasheet
110Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A16-2 MACOM-A16-2 Datasheet
357Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MACOM-A64_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1212 MACOM-A1212_1 Datasheet
386Kb / 2P
Cascadable Amplifier 100 to 1200 MHz
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1212 MA-COM-A1212_15 Datasheet
730Kb / 5P
Cascadable Amplifier 100 - 1200 MHz
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com