| Zakładka z wyszukiwarką danych komponentów |
|
ST7263BDx Arkusz danych(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7263BDx Arkusz danych(HTML) 19 Page - STMicroelectronics |
|
19 / 186 page ![]() ST7263Bxx Pin description Doc ID 7516 Rev 8 19/186 31 33 5 4 USBVCC(2) O USB power supply 2) 32 34 6 5 VDDA S Analog supply voltage 1. Port D functions are not available on the 8 Kbyte version of the QFN40 package (ST7263BK2) and should not be connected. 2. The drive from USBVcc is sufficient to only drive an external pull-up in addition to the internal transceiver. Table 3. Device pin description (QFN40, LQFP48, SO34 and SDIP32) (continued) Pin n° Pin name Level Port /control Main function (after reset) Alternate function Input Output Table 4. Device pin description (SO24) Pin n° Pin name Level Port /control Main function (after reset) Alternate function Input Output 1VDD S Power supply voltage (4- 5.5 V) 2 OSCOUT O Oscillator output 3 OSCIN I Oscillator input 4VSS S Digital ground 5 PC1/TDO I/O CT X X Port C1 SCI Transmit Data output 6 PC0/RDI I/O CT X X Port C0 SCI Receive Data input 7 RESET I/O X X Reset 8 PB6/IT7 I/O CT 10mA X X X X Port B6 9VPP/TEST S Programming supply 10 PB3 I/O CT 10mA X X X Port B3 11 PB2 I/O CT 10mA X X X Port B2 12 PB1/USBOE I/O CT 10mA X X X Port B1 USB output Enable 13 PB0 I/O CT 10mA X X X Port B0 14 PA7/OCMP2/IT4 I/O CT X X X Port A7 Timer output Compare 2 15 PA5/ICAP2/IT2 I/O CT X X X Port A5 Timer input Capture 2 16 PA4/ICAP1/IT1 I/O CT X X X Port A4 Timer input Capture 1 17 PA3/EXTCLK I/O CT X X Port A3 Timer External clock 18 PA2/SCL/ ICCCLK I/O CT 25mA X T Port A2 I²C serial clock, ICC clock 19 PA1/SDA/ICCDATA I/O CT 25mA X T Port A1 I²C serial data, ICC Data |