| Zakładka z wyszukiwarką danych komponentów |
|
STM8L152C4 Arkusz danych(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152C4 Arkusz danych(HTML) 27 Page - STMicroelectronics |
|
27 / 101 page ![]() STM8L151xx, STM8L152xx Pin description Doc ID 15962 Rev 2 27/101 30 - - PB6/[SPI1_MOSI](3)/ LCD_SEG16(2)/ ADC1_IN12/COMP1_INP I/O X XX HS X X Port B6 [SPI1 master out/slave in]/ LCD segment 16 / ADC1_IN12 / Comparator 1 positive input -19 18 PB6/[SPI1_MOSI](3)/ LCD_SEG16(2)/ ADC1_IN12/COMP1_INP/ DAC_OUT I/O X XX HS X X Port B6 [SPI1 master out]/ slave in / LCD segment 16 / ADC1_IN12 / DAC output / Comparator 1 positive input 31 20 19 PB7/[SPI1_MISO](3)/ LCD_SEG17(2)/ ADC1_IN11/COMP1_INP I/O X XX HS X X Port B7 [SPI1 master in- slave out] / LCD segment 17 / ADC1_IN11 / Comparator 1 positive input 37 25 21 PC0/I2C1_SDA I/O FT X XT(4) Port C0 I2C1 data 38 26 22 PC1/I2C1_SCL I/O FT X XT(4) Port C1 I2C1 clock 41 27 23 PC2/[USART1_RX](3)/ LCD_SEG22/ADC1_IN6/ COMP1_INP/VREF_OUT I/O X XX HS X X Port C2 [USART1 receive] / LCD segment 22 / ADC1_IN6 / Comparator 1 positive input / Voltage reference output 42 28 24 PC3/[USART1_TX](3)/ LCD_SEG23(2)/ ADC1_IN5/COMP1_INP/ COMP2_INM I/O X XX HS X X Port C3 [USART1 transmit] / LCD segment 23 / ADC1_IN5 / Comparator 1 positive input / Comparator 2 negative input 43 29 25 PC4/[USART1_CK](3)/ I2C1_SMB/CCO/ LCD_SEG24(2)/ ADC1_IN4/COMP2_INM/ COMP1_INP I/O X XX HS X X Port C4 [USART1 synchronous clock] / I2C1_SMB / Configurable clock output / LCD segment 24 / ADC1_IN4 / Comparator 2 negative input / Comparator 1 positive input 44 30 26 PC5/OSC32_IN /[SPI1_NSS](3)/ [USART1_TX](3) I/O X X X HS X X Port C5 LSE oscillator input / [SPI1 master/slave select] / [USART1 transmit] 45 31 27 PC6/OSC32_OUT/ [SPI1_SCK](3)/ [USART1_RX](3) I/O X X X HS X X Port C6 LSE oscillator output / [SPI1 clock] / [USART1 receive] 46 - - PC7/LCD_SEG25(2)/ ADC1_IN3/COMP2_INM/ COMP1_INP I/O X X X HS X X Port C7 LCD segment 25 /ADC1_IN3/ Comparator negative input / Comparator 1 positive input Table 4. STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |