| Zakładka z wyszukiwarką danych komponentów |
|
STM8L101F2T3ATR Arkusz danych(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101F2T3ATR Arkusz danych(HTML) 60 Page - STMicroelectronics |
|
60 / 77 page ![]() Electrical parameters STM8L101xx 60/77 Doc ID 15275 Rev 7 Figure 36. Typical application with I2C bus and timing diagram 1) 1. Measurement points are done at CMOS levels: 0.3 x VDD and 0.7 x VDD 9.3.8 Comparator characteristics REPEATED START START STOP START tf(SDA) tr(SDA) tsu(SDA) th(SDA) tf(SCK) tr(SCK) tw(SCKL) tw(SCKH) th(STA) tsu(STO) tsu(STA) tw(STO:STA) SDA SCL 4.7k Ω SDA STM8L SCL VDD 100 Ω 100 Ω VDD 4.7k Ω I2CBUS Table 33. Comparator characteristics Symbol Parameter Conditions Min (1) Typ Max(1) Unit VIN(COMP_REF) Comparator external reference -0.1 - VDD-1.25 V VIN Comparator input voltage range -0.25 - VDD+0.25 V Voffset (2) Comparator offset error - - ±20 mV tSTART Startup time (after BIAS_EN) - - 3(1) µs IDD(COMP) Analog comparator consumption - - 25(1) µA Analog comparator consumption during power-down -- 60(1) nA tpropag (2) Comparator propagation delay 100 mV input step with 5 mV overdrive, input rise time = 1 ns -- 2(1) µs 1. Data guaranteed by design, not tested in production. 2. The comparator accuracy depends on the environment. In particular, the following cases may reduce the accuracy of the comparator and must be avoided: – Negative injection current on the I/Os close to the comparator inputs – Switching on I/Os close to the comparator inputs – Negative injection current on not used comparator input. – Switching with a high dV/dt on not used comparator input. These phenomena are even more critical when a big external serial resistor is added on the inputs. |