Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F103C4U7XXX Arkusz danych(PDF) 26 Page - STMicroelectronics

Numer części STM32F103C4U7XXX
Szczegółowy opis  Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C4U7XXX Arkusz danych(HTML) 26 Page - STMicroelectronics

Back Button STM32F103C4U7XXX Datasheet HTML 22Page - STMicroelectronics STM32F103C4U7XXX Datasheet HTML 23Page - STMicroelectronics STM32F103C4U7XXX Datasheet HTML 24Page - STMicroelectronics STM32F103C4U7XXX Datasheet HTML 25Page - STMicroelectronics STM32F103C4U7XXX Datasheet HTML 26Page - STMicroelectronics STM32F103C4U7XXX Datasheet HTML 27Page - STMicroelectronics STM32F103C4U7XXX Datasheet HTML 28Page - STMicroelectronics STM32F103C4U7XXX Datasheet HTML 29Page - STMicroelectronics STM32F103C4U7XXX Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
Memory mapping
STM32F103x4, STM32F103x6
26/80
Doc ID 15060 Rev 3
4
Memory mapping
The memory map is shown in Figure 7.
Figure 7.
Memory map
reserved
0x4000 0000
0x4000 0400
0x4000 0800
0x4000 2800
0x4000 2C00
0x4000 3000
0x4000 3400
0x4000 4400
0x4000 4800
0x4001 0C00
0x4001 1000
0x4001 1400
0x4001 1800
0x4002 1400
APB memory space
DMA
0x4002 1000
TIM2
Reserved
0x4001 0800
0x4001 2400
0x4001 2800
0x4001 2C00
0x4001 3000
0x4001 3400
0x4001 3800
TIM3
RTC
WWDG
IWDG
USART2
AFIO
Port A
Port C
Port D
reserved
ADC1
reserved
USART1
reserved
0x4002 0400
0x4002 0000
0x4001 3C00
0x4000 5400
0x4000 5800
ADC2
TIM1
SPI
reserved
I2C
BKP
0x4000 6000
0x4000 5C00
PWR
Port B
reserved
bxCAN
EXTI
reserved
RCC
reserved
Flash Interface
reserved
0x4000 6400
0x4000 6800
0x4000 6C00
0x4000 7000
0x4000 7400
0x4001 0000
0x4001 0400
0x4002 2000
0x4002 2400
0x4002 3000
0x4002 3400
0xFFFF FFFF
USB Registers
CRC
0
1
2
3
4
5
6
7
0x2000 0000
0x4000 0000
0x6000 0000
0x8000 0000
0xA000 0000
0xC000 0000
0xE000 0000
0xFFFF FFFF
0x0000 0000
Peripherals
SRAM
Flash memory
reserved
reserved
0x0800 0000
0x0801 FFFF
0x1FFF F000
0x1FFF FFFF
System memory
Option Bytes
0x1FFF F800
0x1FFF F80F
Cortex-M3 Internal
Peripherals
0xE010 0000
ai15177c
shared 512 byte
USB/CAN SRAM
Aliased to Flash or system
memory depending on
BOOT pins
0x0000 0000
reserved
reserved
reserved
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80