Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F103R4H7ATR Arkusz danych(PDF) 68 Page - STMicroelectronics

Numer części STM32F103R4H7ATR
Szczegółowy opis  Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103R4H7ATR Arkusz danych(HTML) 68 Page - STMicroelectronics

Back Button STM32F103R4H7ATR Datasheet HTML 64Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 65Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 66Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 67Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 68Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 69Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 70Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 71Page - STMicroelectronics STM32F103R4H7ATR Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
Package characteristics
STM32F103x4, STM32F103x6
68/80
Doc ID 15060 Rev 3
6
Package characteristics
6.1
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80