Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F103RCT7TR Arkusz danych(PDF) 36 Page - STMicroelectronics

Numer części STM32F103RCT7TR
Szczegółowy opis  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RCT7TR Arkusz danych(HTML) 36 Page - STMicroelectronics

Back Button STM32F103RCT7TR Datasheet HTML 32Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 33Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 34Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 35Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 36Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 37Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 38Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 39Page - STMicroelectronics STM32F103RCT7TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 123 page
background image
Pinouts and pin descriptions
STM32F103xC, STM32F103xD, STM32F103xE
36/123
Doc ID 14611 Rev 7
Table 6.
FSMC pin definition
Pins
FSMC
LQFP100
BGA100(1)
CF
CF/IDE
NOR/PSRAM/
SRAM
NOR/PSRAM Mux NAND 16 bit
PE2
A23
A23
Yes
PE3
A19
A19
Yes
PE4
A20
A20
Yes
PE5
A21
A21
Yes
PE6
A22
A22
Yes
PF0
A0
A0
A0
-
PF1
A1
A1
A1
-
PF2
A2
A2
A2
-
PF3
A3
A3
-
PF4
A4
A4
-
PF5
A5
A5
-
PF6
NIORD
NIORD
-
PF7
NREG
NREG
-
PF8
NIOWR
NIOWR
-
PF9
CD
CD
-
PF10
INTR
INTR
-
PF11
NIOS16
NIOS16
-
PF12
A6
A6
-
PF13
A7
A7
-
PF14
A8
A8
-
PF15
A9
A9
-
PG0
A10
A10
-
PG1
A11
-
PE7
D4
D4
D4
DA4
D4
Yes
PE8
D5
D5
D5
DA5
D5
Yes
PE9
D6
D6
D6
DA6
D6
Yes
PE10
D7
D7
D7
DA7
D7
Yes
PE11
D8
D8
D8
DA8
D8
Yes
PE12
D9
D9
D9
DA9
D9
Yes
PE13
D10
D10
D10
DA10
D10
Yes
PE14
D11
D11
D11
DA11
D11
Yes
PE15
D12
D12
D12
DA12
D12
Yes
PD8
D13
D13
D13
DA13
D13
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More