| Zakładka z wyszukiwarką danych komponentów |
|
MCP3201-CI/MS Arkusz danych(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3201-CI/MS Arkusz danych(HTML) 21 Page - Microchip Technology |
|
21 / 36 page ![]() © 2008 Microchip Technology Inc. DS21290E-page 21 MCP3201 6.0 APPLICATIONS INFORMATION 6.1 Using the MCP3201 Device with Microcontroller SPI Ports With most microcontroller SPI ports, it is required to clock out eight bits at a time. If this is the case, it will be necessary to provide more clocks than are required for the MCP3201. As an example, Figure 6-1 and Figure 6-2 show how the MCP3201 device can be interfaced to a microcontroller with a standard SPI port. Since the MCP3201 always clocks data out on the falling edge of clock, the MCU SPI port must be configured to match this operation. SPI Mode 0,0 (clock idles low) and SPI Mode 1,1 (clock idles high) are both compatible with the MCP3201. Figure 6-1 depicts the operation shown in SPI Mode 0,0, which requires that the CLK from the microcontroller idles in the ‘low’ state. As shown in the diagram, the MSB is clocked out of the A/D Converter on the falling edge of the third clock pulse. After the first eight clocks have been sent to the device, the microcontroller’s receive buffer will contain two unknown bits (the output is at high-impedance for the first two clocks), the null bit and the highest order five bits of the conversion. After the second eight clocks have been sent to the device, the MCU receive register will contain the lowest-order seven bits and the B1 bit repeated as the A/D Converter has begun to shift out LSB first data with the extra clock. Typical procedure would then call for the lower-order byte of data to be shifted right by one bit to remove the extra B1 bit. The B7 bit is then transferred from the high-order byte to the lower-order byte, and then the higher-order byte is shifted one bit to the right as well. Easier manipulation of the converted data can be obtained by using this method. Figure 6-2 shows the same thing in SPI Mode 1,1 which requires that the clock idles in the high state. As with mode 0,0, the A/D Converter outputs data on the falling edge of the clock and the MCU latches data from the A/D Converter in on the rising edge of the clock. FIGURE 6-1: SPI Communication using 8-bit segments (Mode 0,0: SCLK idles low). FIGURE 6-2: SPI Communication using 8-bit segments (Mode 1,1: SCLK idles high). CS CLK 910 11 12 13 14 15 16 DOUT NULL BIT B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 HI-Z B7 B6 B5 B4 B3 B2 B1 B0 B11 B10 B9 B8 ?? 0 MCU latches data from A/D Data is clocked out of A/D Converter on falling edges Converter on rising edges of SCLK 12 3 4 5 6 7 8 HI-Z B1 B1 LSB first data begins to come out B2 Data stored into MCU receive register after transmission of first 8 bits Data stored into MCU receive register after transmission of second 8 bits CS CLK 9 101112 13 14 15 16 DOUT NULL BIT B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 HI-Z B7 B6 B5 B4 B3 B2 B1 B0 B11 B10 B9 B8 ?? 0 MCU latches data from A/D Data is clocked out of A/D Converter on falling edges Converter on rising edges of SCLK 1 23 4 56 7 8 B1 B1 LSB first data begins to come out HI-Z Data stored into MCU receive register after transmission of first 8 bits Data stored into MCU receive register after transmission of second 8 bits |