Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCP3002-I/P Arkusz danych(PDF) 23 Page - Microchip Technology

Numer części MCP3002-I/P
Szczegółowy opis  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002-I/P Arkusz danych(HTML) 23 Page - Microchip Technology

Back Button MCP3002-I/P Datasheet HTML 19Page - Microchip Technology MCP3002-I/P Datasheet HTML 20Page - Microchip Technology MCP3002-I/P Datasheet HTML 21Page - Microchip Technology MCP3002-I/P Datasheet HTML 22Page - Microchip Technology MCP3002-I/P Datasheet HTML 23Page - Microchip Technology MCP3002-I/P Datasheet HTML 24Page - Microchip Technology MCP3002-I/P Datasheet HTML 25Page - Microchip Technology MCP3002-I/P Datasheet HTML 26Page - Microchip Technology MCP3002-I/P Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21294D-page 23
MCP3002
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
8-Lead TSSOP
Example:
MCP3002
I/P ^^256
0819
MCP3002I
ISN ^^0819
256
8-Lead MSOP
Example:
XXXX
YYWW
NNN
XXXXXX
YWWNNN
3002
I819
256
3002I
819256
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34