Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC14433AT Arkusz danych(PDF) 12 Page - Microchip Technology

Numer części TC14433AT
Szczegółowy opis  3-1/2 Digit, Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433AT Arkusz danych(HTML) 12 Page - Microchip Technology

Back Button TC14433AT Datasheet HTML 8Page - Microchip Technology TC14433AT Datasheet HTML 9Page - Microchip Technology TC14433AT Datasheet HTML 10Page - Microchip Technology TC14433AT Datasheet HTML 11Page - Microchip Technology TC14433AT Datasheet HTML 12Page - Microchip Technology TC14433AT Datasheet HTML 13Page - Microchip Technology TC14433AT Datasheet HTML 14Page - Microchip Technology TC14433AT Datasheet HTML 15Page - Microchip Technology TC14433AT Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
TC14433/A
DS21394D-page 12
© 2008 Microchip Technology Inc.
FIGURE 5-2:
3-1/2 Digit LED Voltmeter with Low Component Count Using Common Cathode
Display.
FIGURE 5-3:
Alternate Oscillator Circuits.
Note
1: For VREF = 2000V; V: 1.999V full scale.
2: For VREF = 200 mV; V: 199.9 mV full scale (change 470 kΩ to R = 27 kΩ and decimal point position.
3: Peak digit current for an eight displayed is 7 times the segment current:
*To increase segment current capability, add two 75491 ICs between 14511B and resistor network.
The use of the 1413 as digit driver increases digit current capability over the 75492.
**V can range between -2.8V and -11V.
CLK1
CLK0
OR
TC14433
Input
VX
300 k
Ω
Resitor Network
or Individual
Resistor*
R
+5V
Minus
Control
+5V
RM
Common
Cathode
Led Display
75492
OR
1413*
Digit Drivers
VEE**
(Minus)
Alternate Overrange Circuit
with Separated LED
+5V
OR
1/6
1/7
1413
75492
RR
OR
B1
A
B
C
D
LT
LE
I4511B
RDP
VIN
+5V
VOUT
VSS
1µF
20k
Ω
MCP1525
470 k
Ω 0.1 µF 0.1 µF
C01 C02
R1 R1 /C C1
VX
VAG
DU
EOE
VREF
VSS
VSS
VDD
VDD
VEE
Q0
Q1
Q2
DS4 DS3 DS2 DS1
a
b
c
d
e
f
g
(B) LC Oscillator Circuit
10
L
C
11
C
For L = 5 mH and C = 0.01 µF @ 22.5 kHz
10 pF < C1 and C2 < 200 pF
TC14433
TC14433
CLK1
C1
C2
CLK0
CLK1
CLK0
11
10
18 M
Ω
47 k
Ω
(A) Crystal Oscillator Circuit
f
1
2
π LC
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24