| Zakładka z wyszukiwarką danych komponentów |
|
MCP3302-BI/P Arkusz danych(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3302-BI/P Arkusz danych(HTML) 21 Page - Microchip Technology |
|
21 / 46 page ![]() © 2008 Microchip Technology Inc. DS21697E-page 21 MCP3302/04 Using an external operation amplifier on the input allows for gain and also buffers the input signal from the input to the ADC allowing for a higher source impedance. This circuit is shown in Figure 5-5. FIGURE 5-5: Adding an amplifier allows for gain and also buffers the input from any high- impedance sources. This circuit shows that some headroom will be lost due to the amplifier output not being able to swing all the way to the rail. An example would be for an output swing of 0V to 5V. This limitation can be overcome by supplying a VREF that is slightly less than the common mode voltage. Using a 2.048V reference for the A/D converter while biasing the input signal at 2.5V solves the problem. This circuit is shown in Figure 5-5. FIGURE 5-6: Circuit solution to overcome amplifier output swing limitation. 5.4 Common Mode Input Range The common mode input range has no restriction and is equal to the absolute input voltage range: VSS -0.3V to VDD + 0.3V. However, for a given VREF, the common mode voltage has a limited swing, if the entire range of the A/D converter is to be used. Figure 5-7 and Figure 5-8 show the relationship between VREF and the common mode voltage swing. A smaller VREF allows for wider flexibility in a common mode voltage. VREF levels, down to 400 mv, exhibit less than 0.1 LSB change in DNL and INL. For characterization graphs that show this performance relationship, see Figure 2-9 and Figure 2-12. FIGURE 5-7: Common Mode Input Range of Full Differential Input Signal versus VREF. FIGURE 5-8: Common Mode Input Range versus VREF for Pseudo Differential Input. VDD = 5V - + MCP6021 IN+ IN- VREF MCP330X 1µF MCP1525 VIN VOUT 1k Ω 10 k Ω 1M Ω VIN 0.1 µF 0.1 µF 1µF 1M Ω 2.048V VDD = 5V - + 0.1 µF MCP606 IN+ IN- VREF MCP330X 1µF MCP1525 VIN VOUT 0.1 µF 1k Ω 10 k Ω 1µF VIN 10 k Ω VREF(V) 0.25 VDD = 5V 5.0 1.0 2.5 4.0 -1 0 1 2 3 4 5 4.05V 2.8V 2.3V 0.95V VREF (V) 0.25 VDD = 5V 2.5 0.5 1.25 2.0 -1 0 1 2 3 4 5 4.05V 2.8V 2.3V 0.95V |